전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • Z111-R

  • AI
    The **Z111-R** typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)** or a specific control module used in robotics and industrial automation (often associated with high-torque motor systems). Below is a breakdown of the electronic architecture and key components commonly found in this part. --- ### 1. Core Electronic Components The Z111-R is designed to handle high current while maintaining precise signal processing. | Component Type | Part/Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 32-bit Processor | Usually an ARM-based chip (like STM32) that handles PWM signals and PID loops. | | **MOSFETs** | Power Stage | High-efficiency transistors that switch the DC power into 3-phase AC for the motor. | | **Gate Drivers** | Signal Amplifier | Acts as the interface between the low-voltage MCU and the high-power MOSFETs. | | **Current Sensors** | Shunt Resistors | Provides real-time feedback on amperage to prevent motor burnout. | | **BEC** | Battery Eliminator Circuit | Steps down main battery voltage to 5V/12V to power peripherals or sensors. | --- ### 2. Technical Specifications (Typical) While specific iterations may vary, the "R" designation usually indicates a **Reverse** capability or **Ruggedized** industrial build. * **Input Voltage:** 3S - 12S LiPo (approx. 11V to 50V DC). * **Continuous Current:** 80A - 120A (depending on cooling). * **Protocol Support:** DShot, PWM, CAN-bus, or RS485. * **Protection Circuitry:** * Over-temperature protection. * Low-voltage cutoff (LVC). * Phase-loss detection. --- ### 3. Wiring and Connectivity The Z111-R features specific interfaces for power distribution and data communication: #### Power Side * **V+ / V-:** Main power leads (usually XT60 or XT90 connectors). * **Phase Wires (A, B, C):** Connects directly to the brushless motor poles. #### Signal Side 1. **Ground (G):** Common reference. 2. **Signal (S):** Receives the throttle or position command. 3. **Telemetry (T):** Outputs RPM, temperature, and current data to a flight controller or PLC. --- ### 4. Firmware and Logic The electronic performance is dictated by its firmware (often **BLHeli_32** or a proprietary industrial stack). This allows for: * **Sine-wave drive:** For smoother, quieter motor rotation compared to square-wave. * **Regenerative Braking:** Feeding energy back into the battery when slowing down. * **Active Freewheeling:** Improving efficiency during partial throttle. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage input for the Z111-R?
    • ⤷ How do I calibrate the throttle range on this ESC?
    • ⤷ Does the Z111-R support CAN-bus communication for industrial use?