전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • Z201250R00AB

  • AI
    The part number **Z201250R00AB** refers to a high-precision **Bulk Metal® Foil Resistor**, specifically from the Z-Series (Z-Foil) manufactured by **Vishay Precision Group (VPG)**. These components are designed for applications requiring extreme stability and ultra-low noise. --- ### 1. Technical Specifications The breakdown of the part number reveals the following characteristics: | Parameter | Specification | | :--- | :--- | | **Series** | Z-Series (Ultra-Precision Z-Foil) | | **Package/Case** | 2012 (Metric) / 0805 (Imperial) | | **Resistance Value** | 50.00 $\Omega$ (indicated by `50R00`) | | **Tolerance** | $\pm 0.05\%$ (standard for the AB suffix class) | | **TCR (Temp. Coeff.)** | $\pm 0.2$ ppm/°C (typical) | | **Power Rating** | 0.1 W to 0.2 W (depending on temperature) | --- ### 2. Key Internal Technologies The Z201250R00AB is not a standard thick-film or thin-film resistor. It utilizes **Bulk Metal Foil** technology: * **Z-Foil Technology:** This is an evolution of the original foil technology that significantly reduces the sensitivity to temperature changes. It provides a Temperature Coefficient of Resistance (TCR) that is nearly zero. * **Load Life Stability:** These parts are known for maintaining their resistance value even after 10,000 hours of operation under load (typically $<0.005\%$ change). * **Non-Inductive Design:** The foil pattern is etched to minimize inductance and capacitance, making it suitable for high-speed signal processing. --- ### 3. Applications Due to its high cost and extreme precision, this part is used in specialized fields: 1. **Metrology:** Used in laboratory-grade measurement equipment and calibration standards. 2. **Medical Imaging:** Critical for high-resolution MRI or CT scan signal paths where drift causes image artifacts. 3. **Aerospace/Defense:** Used in guidance systems and satellite communications where temperature fluctuations are extreme. 4. **Audio High-End:** Utilized in high-fidelity audio circuits to minimize thermal noise and distortion. --- ### 4. Comparison with Standard Resistors | Feature | Thick Film (Standard) | Z-Foil (Z2012) | | :--- | :--- | :--- | | **Precision** | 1% to 5% | 0.005% to 0.1% | | **TCR** | 100 ppm/°C | 0.2 ppm/°C | | **Noise** | High (-20 dB) | Low (-40 dB) | | **Stability** | Moderate | Ultra-High |
    ✨ Follow-up Questions
    • ⤷ What are the soldering requirements for Z-Foil resistors to avoid thermal stress?
    • ⤷ Can this resistor be used in high-frequency RF applications?
    • ⤷ What are the alternatives if the Z201250R00AB is out of stock?