전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ZD15-AE3-R

  • AI
    The **ZD15-AE3-R** is a specific electronic component, typically categorized as a **Zener Diode**. These components are widely used in power management and signal processing for voltage regulation and circuit protection. ### 1. General Specifications The part number follows standard industry naming conventions for Surface Mount Devices (SMD). Below are the typical technical parameters for this specific part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Zener Diode | | **Nominal Zener Voltage ($V_z$)** | 15V | | **Package Type** | SOT-23 (Small Outline Transistor) | | **Power Dissipation ($P_d$)** | 200mW - 300mW (approximate) | | **Configuration** | Single Diode | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Features * **Voltage Regulation:** The primary function is to maintain a constant voltage of **15V** across its terminals when biased in the reverse-breakdown region. * **Surface Mount Design:** The "AE3" suffix often refers to the **SOT-23** package, which is ideal for high-density automated PCB assembly. * **Tape and Reel Packaging:** The "R" suffix indicates that the parts are supplied on a reel for use in Pick-and-Place machines. --- ### 3. Pinout Configuration (SOT-23) The SOT-23 package has 3 pins, but since a Zener diode is a two-terminal device, the internal wiring usually follows one of these two patterns: 1. **Pin 1:** Anode 2. **Pin 3:** Cathode 3. **Pin 2:** No Connection (NC) or redundant Cathode. > *Note: Always verify the specific manufacturer's datasheet (e.g., UTC - Unisonic Technologies) to confirm the pin mapping.* --- ### 4. Typical Applications * **Voltage Clamping:** Protects sensitive IC inputs from voltage spikes exceeding 15V. * **Reference Voltage:** Provides a stable 15V reference for analog circuits and operational amplifiers. * **Shunt Regulator:** Used in low-current power supplies to maintain a fixed output voltage. --- ### 5. Circuit Symbol In a schematic, the Zener diode is represented as a standard diode symbol but with "bent" lines on the cathode bar: ```text Cathode (K) | / \ <-- Zener Bar / \ ------- | Anode (A) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the ZD15-AE3-R?
    • ⤷ Can you provide a circuit diagram example for a 15V shunt regulator?
    • ⤷ What are the common alternatives or equivalents for this Zener diode?