전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ZD3.9-AE3-R

  • AI
    The **ZD3.9-AE3-R** is a specific surface-mount Zener Diode. These components are primarily used for voltage regulation and protection within electronic circuits. ### 1. General Specifications Based on the part numbering convention (common for manufacturers like Unisonic Technologies - UTC), here are the technical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 3.9V | The nominal voltage at which the diode begins to conduct in reverse. | | **Package Type** | SOT-23 | Small Outline Transistor; a 3-lead surface mount package. | | **Power Dissipation ($P_d$)** | 200mW - 300mW | The maximum power the device can dissipate without damage. | | **Tolerance** | $\pm$5% (Standard) | The allowable deviation from the nominal 3.9V rating. | | **Configuration** | Single | One Zener diode per package. | --- ### 2. Pinout Configuration (SOT-23) While the SOT-23 has three pins, a single Zener diode typically uses only two of them. * **Pin 1:** Usually No Connection (NC) or Anode. * **Pin 2:** Usually No Connection (NC) or Anode. * **Pin 3:** Cathode. *(Note: Always verify with the specific manufacturer datasheet as internal wiring can vary slightly between "AE3" variants.)* --- ### 3. Key Functions in a Circuit The ZD3.9-AE3-R is utilized in the following ways: 1. **Voltage Regulation:** It maintains a steady 3.9V output for low-power logic circuits even if the input voltage fluctuates. 2. **Overvoltage Protection:** It acts as a "clamp" to prevent sensitive components (like microcontrollers) from seeing voltages higher than 3.9V. 3. **Voltage Referencing:** Used in analog-to-digital converters (ADC) to provide a stable reference point. --- ### 4. Part Number Breakdown The suffixing usually follows this logic: * **ZD**: Zener Diode. * **3.9**: 3.9 Volts. * **AE3**: UTC's package code for **SOT-23**. * **R**: Tape & Reel packaging (for automated pick-and-place assembly).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this diode can handle at 3.9V?
    • ⤷ Can this diode be used for ESD protection on data lines?
    • ⤷ What are the common alternatives to the SOT-23 package for this Zener voltage?