전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ZLEA03A4J-R

  • AI
    The **ZLEA03A4J-R** belongs to the **Honeywell Relialign™ ZL Series** of residential elevator door interlocks. Unlike standard passive electronic components (like resistors or capacitors), this is an electromechanical safety device integrated with specific electronic sensing and switching capabilities. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Honeywell Sensing and Productivity Solutions | | **Series** | Relialign™ ZL | | **Switch Type** | Door Interlock (Electromechanical) | | **Contact Configuration** | 2NC / 1NO (Normally Closed / Normally Open) | | **Voltage Rating** | 24 VDC / 24 VAC | | **Termination** | 4-Pin Small Universal MATE-N-LOK Connector | | **Solenoid Type** | DC Solenoid (Pull-to-unlock mechanism) | --- ### 2. Internal Electronic & Mechanical Components The device operates through a combination of mechanical locking and electronic monitoring to ensure elevator safety. #### A. The Solenoid (Actuator) The heart of the "active" electronics in the ZLEA03A4J-R is the **Solenoid**. * **Function:** When energized (usually by the elevator controller), the solenoid pulls the locking pin to allow the door to open. * **Safety Logic:** It is designed as a "fail-safe" mechanism. If power is lost, the spring-loaded mechanical lock remains engaged, preventing the door from opening. #### B. Microswitches (Monitoring) Inside the housing are heavy-duty microswitches that provide feedback to the elevator control board: * **Door Closed Sensor:** Detects if the door is physically shut. * **Lock Engagement Sensor:** Detects if the mechanical bolt is fully seated in the locked position. * **Redundancy:** The **2NC/1NO** configuration allows the system to cross-check signals, ensuring that a single switch failure doesn't create a dangerous situation. #### C. Connection Interface The **"4J"** in the part number indicates a specific wiring termination: * It uses a **4-pin connector** (MATE-N-LOK). * This allows for "plug-and-play" installation, reducing wiring errors that occur with manual terminal blocks. --- ### 3. Safety Standards and Certifications This part is specifically engineered to meet strict elevator safety codes: * **ASME A17.1 / CSA B44:** Safety code for elevators and escalators. * **UL/cUL Listed:** Certified for fire safety and electrical reliability. ### 4. Application Use-Case The ZLEA03A4J-R is primarily used in **Residential Elevators** and **Dumbwaiters**. It ensures that: 1. The elevator car cannot move unless the hoistway door is locked. 2. The hoistway door cannot be opened unless the elevator car is at that specific floor. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the 4-pin MATE-N-LOK connector on this model?
    • ⤷ Can the solenoid in the ZLEA03A4J-R be replaced independently if it fails?
    • ⤷ How does the ZL series differ from the Honeywell GL series interlocks?