전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ZSC31150FAB-R

  • AI
    The **ZSC31150FAB-R** is a high-precision sensor signal conditioner (SSC) IC developed by Renesas (formerly IDT). It is designed for automotive and industrial applications to interface with resistive bridge sensors. --- ### ## Technical Overview The ZSC31150 provides amplification, digitization, and digital compensation of sensor signals. It is particularly known for its ability to correct for temperature drift and non-linearity. ### ### Key Electronic Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 4.5V to 5.5V (up to 40V with external JFET) | | **ADC Resolution** | 16-bit | | **Interface** | I2C, SPI, ZACwire™ (One-Wire) | | **Output Type** | Analog (0-5V), PWM, or Digital | | **Operating Temp** | -40°C to +150°C | | **Package** | SSOP-14 | --- ### ## Functional Block Components The internal architecture of the ZSC31150 consists of several critical stages: 1. **Analog Front-End (AFE):** Includes a programmable gain amplifier (PGA) that accommodates various bridge sensitivities (from 3mV/V to 100mV/V). 2. **Analog-to-Digital Converter (ADC):** A high-resolution 16-bit converter that digitizes the bridge signal and the internal/external temperature sensor. 3. **EEPROM:** Stores calibration coefficients (gain, offset, bridge linearity, and temperature compensation). 4. **Digital Core:** Performs real-time mathematical correction using the stored coefficients. 5. **Output Driver:** Converts the processed digital value back to an analog voltage or a digital protocol (I2C/SPI). --- ### ## Applications and Use Cases * **Automotive Sensors:** Oil pressure, fuel pressure, and brake system pressure sensors. * **Industrial Control:** Process control systems requiring high accuracy over extreme temperature ranges. * **Medical Devices:** Pressure monitoring in clinical environments. --- ### ## Pin Configuration (Major Pins) | Pin Name | Function | | :--- | :--- | | **VDDA/VSSA** | Positive/Negative Power Supply | | **INP/INN** | Positive/Negative Bridge Inputs | | **OUT/SDA** | Signal Output or I2C Data | | **SCL** | I2C Clock Input | | **EPR** | Connection for external JFET (if using high voltage) | ---
    ✨ Follow-up Questions
    • ⤷ How does the ZSC31150 handle temperature compensation?
    • ⤷ What is the difference between the 'FAB' and other suffixes in this part number?
    • ⤷ Can the ZSC31150 be programmed after it is soldered onto a PCB?