전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9222A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ISL9222A Datasheet

  • # Example questions: ➢ Explain the functionality of the auxiliary or gate, detailing its inputs and how it relates to the jigon signal and the vin power good signal.
    ➢ What are the recommended methods for maximizing thermal performance when designing a pcb layout for the isl9222a?
    ➢ What are the primary functions of the iref pin, and how does its accuracy change with varying charge current levels?

  • Part No.ISL9222A
    ManufacturerRENESAS
    Size422 Kbytes
    Pages8 pages
    DescriptionHigh Input Voltage Charger
    Datasheet Summary with AI

    Okay, here's a summary of the provided Intersil ISL9222A datasheet excerpt, broken down into key areas:

    1. Core Function & Overview:

    ️· The ISL9222A is a lithium-ion/polymer battery charge controller designed for single-cell applications. It’s intended to be used with input voltages typically from 4.25V to 6.5V (from wall adapters or USB).
    ️· It manages the charging process, providing constant current (CC) and constant voltage (CV) regulation.

    2. Key Features & Benefits:

    ️· Input Voltage Range: Accepts a wide range of input voltages (4.25V - 6.5V) allowing for use with various power sources.
    ️· Charge Current Control: Accurate charge current limiting with a target accuracy of 10% at 500mA.
    ️· Thermal Management: Includes thermal foldback to reduce charge current if the IC gets too hot, protecting it and the battery.
    ️· Auxiliary OR Gate: Provides a booting enable signal from either internal VIN power good or an external JIGIN signal.
    ️· Protection: Protection against overvoltage and overcurrent.

    3. Important Specifications & Considerations:

    ️· Input Capacitor: Requires a 1µF (or larger) X5R ceramic capacitor for stability and transient suppression.
    ️· Output Capacitor: 1µF to 200µF X5R ceramic capacitor is recommended for stability and load bypass.
    ️· Thermal Pad: The TDFN package *requires* connection to a significant amount of copper on the PCB for effective heat dissipation. Use thermal vias to further improve thermal performance.

    * **Dropout Voltage:** Performance can be limited if the input and output voltage are too close, particularly at higher current levels.
    * **IREF Pin:** Accurate charge current setting up to 500mA.

    **4. Operational Details:**

    * **Charging Stages:** Implements constant current (CC) and constant voltage (CV) charging.
    * **Thermal Foldback:** Reduces charge current when the die temperature reaches +115°C.
    * **Auxiliary OR Gate:** Enables booting of the IC from either the VIN power-good signal or the external JIGIN pin.




    **5. Layout Guidance:** A robust PCB layout with a good thermal path (significant copper area connected to the thermal pad) is *critical* for reliable operation.



    **In essence, the ISL9222A is a robust, feature-rich battery charge controller that requires careful attention to PCB layout, particularly thermal management, to deliver optimal performance and reliability.**

    1. Core Function & Overview:

    ️· The ISL9222A is a lithium-ion/polymer battery charge controller designed for single-cell applications. It’s intended to be used with input voltages typically from 4.25V to 6.5V (from wall adapters or USB).
    ️· It manages the charging process, providing constant current (CC) and constant voltage (CV) regulation.

    2. Key Features & Benefits:

    ️· Input Voltage Range: Accepts a wide range of input voltages (4.25V - 6.5V) allowing for use with various power sources.
    ️· Charge Current Control: Accurate charge current limiting with a target accuracy of 10% at 500mA.
    ️· Thermal Management: Includes thermal foldback to reduce charge current if the IC gets too hot, protecting it and the battery.
    ️· Auxiliary OR Gate: Provides a booting enable signal from either internal VIN power good or an external JIGIN signal.
    ️· Protection: Protection against overvoltage and overcurrent.

    3. Important Specifications & Considerations:

    ️· Input Capacitor: Requires a 1µF (or larger) X5R ceramic capacitor for stability and transient suppression.
    ️· Output Capacitor: 1µF to 200µF X5R ceramic capacitor is recommended for stability and load bypass.

    Part No.ISL9222A
    ManufacturerRENESAS
    Size422 Kbytes
    Pages8 pages
    DescriptionHigh Input Voltage Charger