전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9222A 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 ISL9222A
상세설명  High Input Voltage Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9222A 데이터시트(HTML) 5 Page - Renesas Technology Corp

  ISL9222A Datasheet HTML 1Page - Renesas Technology Corp ISL9222A Datasheet HTML 2Page - Renesas Technology Corp ISL9222A Datasheet HTML 3Page - Renesas Technology Corp ISL9222A Datasheet HTML 4Page - Renesas Technology Corp ISL9222A Datasheet HTML 5Page - Renesas Technology Corp ISL9222A Datasheet HTML 6Page - Renesas Technology Corp ISL9222A Datasheet HTML 7Page - Renesas Technology Corp ISL9222A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ISL9222A
FN6704 Rev 0.00
Page 5 of 8
July 28, 2008
Description
The ISL9222A charges a Li-ion battery using a CC/CV
profile. The constant current IREF is set with the external
resistor RIREF (See Typical Applications circuit on page 4)
and the constant voltage is fixed at 4.2V. If the battery
voltage is below a typical 2.55V trickle-charge threshold, the
ISL9222A charges the battery with a trickle current of 19% of
IREF until the battery voltage rises above the trickle charge
threshold. Fast charge CC mode is maintained at the rate
determined by programming IREF until the cell voltage rises
to 4.2V. When the battery voltage reaches 4.2V, the charger
enters a CV mode and regulates the battery voltage at 4.2V
to fully charge the battery without the risk of over charge.
The charger will continue to output the 4.2V voltage until the
FIGURE 1. BLOCK DIAGRAM
VREF
EN
+115OC
DIE
TEMP
VIN
PPR
EN
GND
JIGIN
JIGON
IREF
BAT
200k
VOS
BAT
POR
CHARGE
CONTROL
PRE
REG
VCC
VREF
VCC
240k
BAT
OVP
FIGURE 2. TYPICAL CHARGE PROFILE
IREF
TRICKLE
CC
CV
19% IREF
4.2V
TIME
2.55V
CHARGE
CURRENT
CHARGE
VOLTAGE



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com