| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HPR-11-R Datasheet
# Example questions:
➢ What is the purpose of the 'sensitivity adj' control on the hpr unit?
➢ What are the different output options available with the hpr scaler, and what type of load is recommended for each?
➢ What are the input voltage requirements for the hpr scaler, and what types of input signals can it accept (e.g., relay contact, voltage pulse)?
Okay, here's a summary of the provided documentation for the HPR Scaler/One-Shot module:
1. What it is:
️· The HPR Scaler/One-Shot is a module used for counting pulses or events. It's a versatile device that can function as a scaler (counting events) or as a one-shot (triggering a single event). It's part of a larger system (likely a modular instrumentation system).
2. Key Features & Functionality:
️· Scaler Function: Counts pulses within a specified time interval.
️· One-Shot Function: Produces a single output pulse triggered by an input.
️· Modular Design: Intended for use with a base socket and isolation (likely to integrate with other modules in a system).
️· Power Options: Can operate on AC or DC power.
️· Input Flexibility: Accepts signals from various sources:
- Relay contacts
- Dry contacts
- Voltage pulses
️· Output Flexibility: Can provide several output types to be connected to other devices.
️· Adjustable Sensitivity: A sensitivity adjustment allows fine-tuning of the module's responsiveness to input signals.
3. Technical Specifications (Highlights):
️· Sensitivity Adjustment: Allows control over signal detection.
️· Input Voltage: Specified at +7.5V for some input configurations.
️· Physical Dimensions: Provided in the diagrams (small size, designed for modular mounting).
️· Connectivity: Uses standard connectors for power and signal I/O.
4. Important Notes from the documentation:
️· Connection Diagrams: Numerous diagrams show various connection examples for different input and output types.
️· Power Considerations: Careful attention should be paid to the correct power supply for AC or DC operation.
️· Modular System: The HPR Scaler/One-Shot is part of a larger, modular system. Other modules (isolation base socket, amplifier, output driver) might be required for full functionality.
Let me know if you would like a breakdown of any specific area in more detail, such as the connection diagrams or power requirements.
1. What it is:
️· The HPR Scaler/One-Shot is a module used for counting pulses or events. It's a versatile device that can function as a scaler (counting events) or as a one-shot (triggering a single event). It's part of a larger system (likely a modular instrumentation system).
2. Key Features & Functionality:
️· Scaler Function: Counts pulses within a specified time interval.
️· One-Shot Function: Produces a single output pulse triggered by an input.
️· Modular Design: Intended for use with a base socket and isolation (likely to integrate with other modules in a system).
️· Power Options: Can operate on AC or DC power.
️· Input Flexibility: Accepts signals from various sources:
- Relay contacts
- Dry contacts
- Voltage pulses
️· Output Flexibility: Can provide several output types to be connected to other devices.
️· Adjustable Sensitivity: A sensitivity adjustment allows fine-tuning of the module's responsiveness to input signals.
3. Technical Specifications (Highlights):
️· Sensitivity Adjustment: Allows control over signal detection.
️· Input Voltage: Specified at +7.5V for some input configurations.
️· Physical Dimensions: Provided in the diagrams (small size, designed for modular mounting).
️· Connectivity: Uses standard connectors for power and signal I/O.
4. Important Notes from the documentation:
️· Connection Diagrams: Numerous diagrams show various connection examples for different input and output types.
️· Power Considerations: Careful attention should be paid to the correct power supply for AC or DC operation.
️· Modular System: The HPR Scaler/One-Shot is part of a larger, modular system. Other modules (isolation base socket, amplifier, output driver) might be required for full functionality.
| Part No. | HPR-11-R |
| Manufacturer | MSYSTEM |
| Size | 127 Kbytes |
| Pages | 4 pages |
| Description | Space-saving Plug-in Signal Conditioners H-UNIT |