| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 574011 Datasheet
# Example questions:
➢ What is the permissible range of voltage fluctuation for the 24v dc coil?
➢ What is the maximum output current that the sensor can handle?
➢ What type of pneumatic connection is used for pneumatic connection 1 and 3?
# VOFA-L26-T32C-M-G14-1C1-APP Control Block
## General Specifications
️· Part Number: 574011
️· Valve Function: 3/2, closed, monostable
️· Actuation Type: Electrical
️· Width: 65 mm
️· Standard Nominal Flow Rate: 1050 l/min
️· Pneumatic Working Port: G1/4
️· Operating Voltage: 24V DC
️· Operating Pressure: 3 bar ... 10 bar
️· Structural Design: Piston gate valve
️· Reset Method: Mechanical spring
️· Weight: 1134 g
## Electrical & Environmental
️· Degree of Protection: IP65, NEMA 4
️· Certification: c UL us (Recognized), KC EMC, CE
️· Electrical Connection: Form C, without PE conductor, 3-pin M8x1 plug
️· Sensor Operating Voltage Range: 10 V ... 30 V
️· Ambient Temperature: -5 °C ... 50 °C
️· Nominal Altitude of Use: 1000 m
️· Corrosion Resistance Class: 0
## Performance
️· Switching Time Off: 54 ms
️· On Switching Time: 24 ms
️· Pneumatic Valve - Sensor ON Switching Time: 58 ms
️· Pneumatic Valve - Sensor Switching Time Off: 11 ms
️· Max. Positive Test Pulse: 1000 µs
️· Max. Negative Test Pulse: 800 µs
️· Switching Output: PNP
️· Coil Characteristics: 24 V DC: 1.8 W
️· Max. Switching Frequency: 5000 Hz
## Media & Materials
️· Operating Medium: Compressed air (ISO 8573-1:2010 [7:4:4]) – Oil lubrication possible
️· Pilot Medium: Compressed air (ISO 8573-1:2010 [7:4:4])
️· Seals Material: FPM, HNBR, NBR
️· Housing Material: Die-cast aluminum, PA
️· Screws Material: Steel, Galvanized
️· Note on Materials: RoHS-compliant
## Connections & Features
️· Pneumatic Connections: G1/4, G¼, G1/4
️· Mounting Type: With through-hole
️· Switching Element Function: N/C contact
️· Sensor Reverse Polarity Protection: Yes
️· Exhaust Air Function: With flow control option
️· Sealing Principle: Soft
️· Manual Override: None
# VOFA-L26-T32C-M-G14-1C1-APP Control Block
## General Specifications
️· Part Number: 574011
️· Valve Function: 3/2, closed, monostable
️· Actuation Type: Electrical
️· Width: 65 mm
️· Standard Nominal Flow Rate: 1050 l/min
️· Pneumatic Working Port: G1/4
️· Operating Voltage: 24V DC
️· Operating Pressure: 3 bar ... 10 bar
️· Structural Design: Piston gate valve
️· Reset Method: Mechanical spring
️· Weight: 1134 g
## Electrical & Environmental
️· Degree of Protection: IP65, NEMA 4
️· Certification: c UL us (Recognized), KC EMC, CE
️· Electrical Connection: Form C, without PE conductor, 3-pin M8x1 plug
️· Sensor Operating Voltage Range: 10 V ... 30 V
️· Ambient Temperature: -5 °C ... 50 °C
️· Nominal Altitude of Use: 1000 m
️· Corrosion Resistance Class: 0
## Performance
️· Switching Time Off: 54 ms
️· On Switching Time: 24 ms
️· Pneumatic Valve - Sensor ON Switching Time: 58 ms
️· Pneumatic Valve - Sensor Switching Time Off: 11 ms
️· Max. Positive Test Pulse: 1000 µs
️· Max. Negative Test Pulse: 800 µs
️· Switching Output: PNP
️· Coil Characteristics: 24 V DC: 1.8 W
️· Max. Switching Frequency: 5000 Hz
## Media & Materials
️· Operating Medium: Compressed air (ISO 8573-1:2010 [7:4:4]) – Oil lubrication possible
️· Pilot Medium: Compressed air (ISO 8573-1:2010 [7:4:4])
️· Seals Material: FPM, HNBR, NBR
️· Housing Material: Die-cast aluminum, PA
️· Screws Material: Steel, Galvanized
️· Note on Materials: RoHS-compliant
## Connections & Features
️· Pneumatic Connections: G1/4, G¼, G1/4
️· Mounting Type: With through-hole
️· Switching Element Function: N/C contact
️· Sensor Reverse Polarity Protection: Yes
️· Exhaust Air Function: With flow control option
️· Sealing Principle: Soft
️· Manual Override: None
| Part No. | 574011 |
| Manufacturer | FESTO |
| Size | 107 Kbytes |
| Pages | 2 pages |
| Description | Control block |