전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

574011 데이터시트(PDF) 1 Page - Festo Corporation.

부품명 574011
상세설명  Control block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

574011 데이터시트(HTML) 1 Page - Festo Corporation.

  574011 Datasheet HTML 1Page - Festo Corporation. 574011 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Control block
VOFA-L26-T32C-M-G14-1C1-APP
Part number: 574011
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Actuation type
Electrical
Width
65 mm
Standard nominal flow rate
1050 l/min
Pneumatic working port
G1/4
Operating voltage
24V DC
Operating pressure
3 bar ... 10 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
Degree of protection
IP65
NEMA 4
Certification
c UL us - Recognized (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
as per EU machinery directive
Certificate issuing authority
UL MH19482
Type code
VOFA
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
EN 60947-5-2
Manual override
None
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00995405
Measuring principle
Inductive
Lap
Overlap
Sensor reverse polarity protection
For all electrical connections
Safety function
Exhausting
Tamper protection, protection against unexpected start-up
Performance Level (PL)
Exhaust/up to category 4, performance level e
Protection against manipulation, protection against unexpected start-
up/up to category 4, performance level e
Note on forced dynamization
Switching frequency at least once a week
Signal status display
With accessories
Switching position sensing
Normal position with sensor
11/15/21 - Subject to change - Festo AG & Co. KG
1/2


유사한 부품 번호 - 574011

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
574012 FESTO-574012 Datasheet
107Kb / 2P
Control block
More results

유사한 설명 - 574011

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SCYW99143 ONSEMI-SCYW99143 Datasheet
1Mb / 35P
Universal High Voltage Control Block
February, 2013 ??Rev. P0
logo
Festo Corporation.
CPX-CEC-M1-V3 FESTO-CPX-CEC-M1-V3 Datasheet
96Kb / 2P
Control block
567346 FESTO-567346 Datasheet
94Kb / 2P
Control block
567347 FESTO-567347 Datasheet
91Kb / 2P
Control block
3472425 FESTO-3472425 Datasheet
95Kb / 2P
Control block
3473128 FESTO-3473128 Datasheet
95Kb / 2P
Control block
569819 FESTO-569819 Datasheet
110Kb / 2P
Control block
569820 FESTO-569820 Datasheet
111Kb / 3P
Control block
574012 FESTO-574012 Datasheet
107Kb / 2P
Control block
logo
Schneider Electric
LU9MR1 SCHNEIDER-LU9MR1 Datasheet
113Kb / 2P
Control terminal block, reversing motor starter, TeSys Ultra
May 11, 2022
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com