전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIP12107 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SIP12107_V01 Datasheet

  • # Example questions: ➢ List at least three and explain briefly how they contribute to the reliable operation of the regulator.
    ➢ Describe the role of the external resistor, r_on, in the pwm control mechanism and how it affects the regulator's switching frequency.
    ➢ What are the two main modes of operation for the sip12107 regulator, and what key feature allows it to transition between them?

  • Part No.SIP12107_V01
    ManufacturerVISHAY
    Size911 Kbytes
    Pages20 pages
    Description5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
    Datasheet Summary with AI

    # SiP12107 - 5V, 3A Synchronous Buck Regulator

    ## Features
    · Input Voltage: 2.8V to 5.5V
    · Output Voltage: Adjustable down to 0.6V
    · Continuous Output Current: 3A
    · Switching Frequency: Programmable up to 4 MHz
    · Peak Efficiency: 95%
    · Supports all ceramic capacitors (no external ESR required)
    · Ultrafast transient response
    · Selectable power saving mode
    · Fully protected: OTP, SCP, UVP, OVP
    · Package: QFN16-33G (3mm x 3mm)

    ## Applications
    · Notebook computers
    · Desktop PCs and servers
    · Handheld devices
    · Telecom POLs
    · Consumer electronics
    · Industrial automation

    ## Electrical Characteristics
    · AVIN UVLO Threshold: 2.55V
    · Feedback Reference (VFB): 0.6V ±1%
    · Switching Frequency Range: 0.2 - 4 MHz
    · Soft-start time: 1.5ms
    · High-side RDS(on): 56mΩ
    · Low-side RDS(on): 33mΩ
    · Over Current Limit: 4.5A
    · Over Temperature Protection: 160°C

    ## Operational Description
    · Control Method: Current-Mode Constant-On-Time (CM-COT)
    · Power Saving Mode: Emulates diode operation at light loads & reduces switching frequency.
    · Protection Features: OCP, UVP, OVP, OTP
    · Soft Start: Monotonic startup ramp

    ## Pin Configuration (Key Pins)
    · VIN: Power input
    · AVIN: Logic bias
    · EN: Enable
    · RON: Sets on-time
    · VFB: Feedback voltage
    · LX: Switching output
    · PGD: Power Good
    · AGND: Analog Ground
    · PGND: Power Ground

    # SiP12107 - 5V, 3A Synchronous Buck Regulator

    ## Features
    · Input Voltage: 2.8V to 5.5V
    · Output Voltage: Adjustable down to 0.6V
    · Continuous Output Current: 3A
    · Switching Frequency: Programmable up to 4 MHz
    · Peak Efficiency: 95%
    · Supports all ceramic capacitors (no external ESR required)
    · Ultrafast transient response
    · Selectable power saving mode
    · Fully protected: OTP, SCP, UVP, OVP
    · Package: QFN16-33G (3mm x 3mm)

    ## Applications
    · Notebook computers
    · Desktop PCs and servers
    · Handheld devices
    · Telecom POLs
    · Consumer electronics
    · Industrial automation

    ## Electrical Characteristics
    · AVIN UVLO Threshold: 2.55V
    · Feedback Reference (VFB): 0.6V ±1%
    · Switching Frequency Range: 0.2 - 4 MHz
    · Soft-start time: 1.5ms
    · High-side RDS(on): 56mΩ
    · Low-side RDS(on): 33mΩ
    · Over Current Limit: 4.5A
    · Over Temperature Protection: 160°C

    ## Operational Description
    · Control Method: Current-Mode Constant-On-Time (CM-COT)
    · Power Saving Mode: Emulates diode operation at light loads & reduces switching frequency.
    · Protection Features: OCP, UVP, OVP, OTP
    · Soft Start: Monotonic startup ramp

    ## Pin Configuration (Key Pins)
    · VIN: Power input
    · AVIN: Logic bias
    · EN: Enable
    · RON: Sets on-time
    · VFB: Feedback voltage
    · LX: Switching output
    · PGD: Power Good
    · AGND: Analog Ground
    · PGND: Power Ground

    Part No.SIP12107_V01
    ManufacturerVISHAY
    Size911 Kbytes
    Pages20 pages
    Description5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator