전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIP12107 데이터시트(PDF) 13 Page - Vishay Siliconix

부품명 SIP12107
상세설명  5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12107 데이터시트(HTML) 13 Page - Vishay Siliconix

Back Button SIP12107_V01 Datasheet HTML 9Page - Vishay Siliconix SIP12107_V01 Datasheet HTML 10Page - Vishay Siliconix SIP12107_V01 Datasheet HTML 11Page - Vishay Siliconix SIP12107_V01 Datasheet HTML 12Page - Vishay Siliconix SIP12107_V01 Datasheet HTML 13Page - Vishay Siliconix SIP12107_V01 Datasheet HTML 14Page - Vishay Siliconix SIP12107_V01 Datasheet HTML 15Page - Vishay Siliconix SIP12107_V01 Datasheet HTML 16Page - Vishay Siliconix SIP12107_V01 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SiP12107
www.vishay.com
Vishay Siliconix
S20-0484-Rev. C, 29-Jun-2020
13
Document Number: 63395
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power-Saving Mode Operation
To further improve efficiency at light-load condition,
SiP12107 provides a set of innovative implementations to
eliminate LS recirculating current and switching losses. The
internal zero crossing detector (ZCD) monitors LX node
voltage to determine when inductor current starts to flow
negatively. In power saving mode (PSM), as soon as
inductor valley current crosses zero, the device first deploys
diode emulation mode by turning off LS FET. If load further
decreases,
switching
frequency
is
further
reduced
proportional to load condition to save switching losses while
keeping output ripple within tolerance. The switching
frequency is set by the controller to maintain regulation. At
zero load this frequency can go as low as hundreds of Hz.
Whenever fixed frequency PWM operation is required over
the entire load span, power saving mode feature can be
disabled by connecting AUTO pin to VIN or AVIN.
OUTPUT MONITORING AND PROTECTION FEATURES
Output Over-Current Protection (OCP)
SiP12107 has pulse-by-pulse over-current limit control. The
inductor valley current is monitored during LS FET turn-on
period through RDS(on) sensing. After a pre-defined time, the
valley current is compared with internal threshold (5 A typ.)
to determine the threshold for OCP. If monitored current is
higher than threshold, HS turn-on pulse is skipped and LS
FET is kept on until the valley current returns below OCP
limit.
In the severe over-current condition, pulse-by-pulse current
limit eventually triggers output under-voltage protection
(UVP), which latches the device off to prevent catastrophic
thermal-related failure. UVP is described in the next section.
OCP is enabled immediately after AVIN passes UVLO level.
Figure 6 illustrates the OCP operation.
Fig. 6 - Over-Current Protection Illustration
Output Under-Voltage Protection (UVP)
UVP is implemented by monitoring output through VFB pin.
Once the voltage level at VFB is below 0.45 V for more than
20 μs, then UVP event is recognized and both HS and LS
MOSFETs are turned off. UVP latches the device off until
either AVIN or EN is recycled.
UVP is only active after the completion of soft-start
sequence.
Output Over-Voltage Protection (OVP)
For OVP implementation, output is monitored through FB
pin. After soft-start, if the voltage level at FB is above 20 %
(typ.), OVP is triggered with HS FET turning off and LS FET
turning on immediately to discharge the output. Normal
operation is resumed once FB voltage drops back to 0.6 V.
OVP is active immediately after AVIN passes UVLO level.
Over-Temperature Protection (OTP)
SiP12017 has internal thermal monitor block that turns off
both HS and LS FETs when junction temperature is above
160 °C (typ.). A hysteresis of 30 °C is implemented, so when
junction temperature drops below 130 °C, the device
restarts by initiating the soft-start sequence again.
Soft Startup
SiP12107
deploys
an
internally
regulated
soft-start
sequence to realize a monotonic startup ramp without any
output overshoot. Once AVIN is above UVLO level (2.55 V
typ.). Both the reference and VOUT will ramp up slowly to
regulation in 1 ms (typ.) with the reference going from 0 V to
0.6 V and VOUT rising monotonically to the programmed
output voltage.
During soft-start period, OCP is activated. OVP and
short-circuit protection are not active until soft-start is
complete.
Iload
OCPthreshold
Iinductor
GH
Skipped GH pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com