전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIP502 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MIP502 Datasheet

  • # Example questions: ➢ What is the maximum allowable drain current for this device, and how does it differ between the mip501 and mip502?
    ➢ How does the operating temperature range impact the allowable power dissipation of the mip501, according to the provided graphs?
    ➢ What conditions must be met for the over-current protection circuit to activate, and what is the typical current level at which it triggers?

  • Part No.MIP502
    ManufacturerPANASONIC
    Size38 Kbytes
    Pages3 pages
    DescriptionSilicon MOS IC
    Datasheet Summary with AI

    # Intelligent Power Devices (IPDs) MIP501, MIP502

    ## Features

    ️· High breakdown voltage (VDSS > 40V)
    ️· N-Channel MOS FET output (Ron < 0.5Ω)
    ️· Over-current protection
    ️· Reset function
    ️· Direct drive possible with logic circuits

    ## Applications

    ️· Lamp drive

    ## Absolute Maximum Ratings (Ta = 25°C)

    ️· Output breakdown voltage (VDSS): 40V
    ️· Output peak current (IOP): 5A
    ️· Output current (IOA): 1.7A
    ️· Input voltage (VIN): -0.5 to 6V
    ️· Input current (IIN): ±10mA
    ️· Allowable power dissipation (MIP501): 1.5W
    ️· Allowable power dissipation (MIP502): 1\*W (on PCB)
    ️· Junction temperature (Tj): 150°C
    ️· Storage temperature (Tstg): -55 to +150°C
    ️· Operating temperature (Topr): -40 to +85°C

    ## Pin Descriptions

    ️· Pin 1: GND (Source)
    ️· Pin 2: Output (Drain) - limited to 5A, turns OFF above 4.6V
    ️· Pin 3: Input – drives device, turns FET OFF when open

    ## Electrical Characteristics (Ta = 25°C)

    ️· Drain-Source ON-resistance (RDS (ON)): 0.5Ω (VIN= 5V, IO=1.5A)
    ️· Drain voltage (VDS (ON)): 0.75V (VIN= 5V, IO=1.5A)
    ️· Drain breakdown voltage (VDSS): 40V (IDSS= 3mA)
    ️· Drain leakage current (IDSS (1)): 3.0mA (VDSS= 40V)
    ️· Drain leakage current (IDSS (2)): 1.5mA (VDSS= 25V)
    ️· Input voltage (VIN (H)): 4.5 to 6.0V
    ️· Input voltage (VIN (L)): 0.8V
    ️· Over-current protection (IOCP): 5.0A (VIN= 5V)
    ️· Reset voltage (VRESET): 4.6V (VIN= 5V)
    ️· Input current (IIN (opr)): 1.0mA (VIN= 5V, VDS=1V)

    # Intelligent Power Devices (IPDs) MIP501, MIP502

    ## Features

    ️· High breakdown voltage (VDSS > 40V)
    ️· N-Channel MOS FET output (Ron < 0.5Ω)
    ️· Over-current protection
    ️· Reset function
    ️· Direct drive possible with logic circuits

    ## Applications

    ️· Lamp drive

    ## Absolute Maximum Ratings (Ta = 25°C)

    ️· Output breakdown voltage (VDSS): 40V
    ️· Output peak current (IOP): 5A
    ️· Output current (IOA): 1.7A
    ️· Input voltage (VIN): -0.5 to 6V
    ️· Input current (IIN): ±10mA
    ️· Allowable power dissipation (MIP501): 1.5W
    ️· Allowable power dissipation (MIP502): 1\*W (on PCB)
    ️· Junction temperature (Tj): 150°C
    ️· Storage temperature (Tstg): -55 to +150°C
    ️· Operating temperature (Topr): -40 to +85°C

    ## Pin Descriptions

    ️· Pin 1: GND (Source)
    ️· Pin 2: Output (Drain) - limited to 5A, turns OFF above 4.6V
    ️· Pin 3: Input – drives device, turns FET OFF when open

    ## Electrical Characteristics (Ta = 25°C)

    ️· Drain-Source ON-resistance (RDS (ON)): 0.5Ω (VIN= 5V, IO=1.5A)
    ️· Drain voltage (VDS (ON)): 0.75V (VIN= 5V, IO=1.5A)
    ️· Drain breakdown voltage (VDSS): 40V (IDSS= 3mA)
    ️· Drain leakage current (IDSS (1)): 3.0mA (VDSS= 40V)
    ️· Drain leakage current (IDSS (2)): 1.5mA (VDSS= 25V)
    ️· Input voltage (VIN (H)): 4.5 to 6.0V
    ️· Input voltage (VIN (L)): 0.8V
    ️· Over-current protection (IOCP): 5.0A (VIN= 5V)
    ️· Reset voltage (VRESET): 4.6V (VIN= 5V)
    ️· Input current (IIN (opr)): 1.0mA (VIN= 5V, VDS=1V)

    Part No.MIP502
    ManufacturerPANASONIC
    Size38 Kbytes
    Pages3 pages
    DescriptionSilicon MOS IC