| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MPC8349E Datasheet
# Example questions:
➢ How does the e300 soc platform contribute to the flexibility and development process of the mpc8349e family?
➢ What security features are integrated into the mpc8349e, and what standards does it support?
➢ What are the key applications for the mpc8349e processor, as outlined in the document?
## MPC8349E PowerQUICC II™ Pro Processor Summary
1. Overview:
️· Purpose: A high-performance, integrated communications processor designed for networking, communications, and pervasive computing applications. It's part of the PowerQUICC II™ Pro family and represents a next-generation extension of the PowerQUICC II line.
️· Architecture: Based on a System-on-Chip (SoC) architecture utilizing the enhanced e300 core built on Power Architecture™ technology. It's software-compatible with existing 603e core-based products.
️· Clock Speed: Up to 667 MHz.
2. Key Features and Functionality:
️· e300 Core: An enhanced version of the 603e core, including a 32KB data cache and 32KB instruction cache with integrated parity checking.
️· Memory Interface: Supports DDR/DDR2 memory. Versions with different memory frequencies are available (e.g., 667/333).
️· Connectivity:
- Dual Gigabit Ethernet
- Dual PCI interfaces
- Hi-Speed USB controllers
️· Integrated Security Engine: (Indicated by the "E" suffix in the part number - e.g., MPC8349E). Includes support for:
- DES
- 3DES
- MD-5
- SHA-1
- AES
- ARC-4
- Public key accelerator
- On-chip random number generator
3. Applications:
Suitable for a wide range of applications, including:
️· Ethernet routers and switches
️· Wireless LAN (WLAN) equipment
️· Network storage devices
️· Home network appliances
️· Industrial control systems
️· Copiers and printers
4. Key Advantages:
️· Cost-Effectiveness: Offers a good balance of performance and cost.
️· Integration: High level of integration simplifies board design.
️· Flexibility: Flexible SoC platform allows for market-optimized designs.
5. Part Number Designation:
️· MPC8349E: Base part number. "E" signifies the presence of the integrated security engine.
️· Suffixes: Indicate various characteristics:
- AJF: Indicates the CPU/DDR frequency (e.g., 533/333).
- C: Indicates a temperature range (-40 to 105°C).
- Package Suffixes: Different suffixes specify the package type (e.g., TBGA, PBGA) and pin count.
Comparison to MPC8347 and MPC8343:
| Feature | MPC8349E | MPC8347 | MPC8343 |
|---|---|---|---|
| Core | e300 | e300 | e300 |
| Max Frequency | 667 MHz | 400 MHz | N/A |
| Memory Controller | DDR/DDR2 | DDR/DDR2 | DDR/DDR2 |
| PCI Interface | Dual | Single | Single |
| Security Engine | Yes (E suffix) | Yes (E suffix) | Yes (E suffix) |
## MPC8349E PowerQUICC II™ Pro Processor Summary
1. Overview:
️· Purpose: A high-performance, integrated communications processor designed for networking, communications, and pervasive computing applications. It's part of the PowerQUICC II™ Pro family and represents a next-generation extension of the PowerQUICC II line.
️· Architecture: Based on a System-on-Chip (SoC) architecture utilizing the enhanced e300 core built on Power Architecture™ technology. It's software-compatible with existing 603e core-based products.
️· Clock Speed: Up to 667 MHz.
2. Key Features and Functionality:
️· e300 Core: An enhanced version of the 603e core, including a 32KB data cache and 32KB instruction cache with integrated parity checking.
️· Memory Interface: Supports DDR/DDR2 memory. Versions with different memory frequencies are available (e.g., 667/333).
️· Connectivity:
- Dual Gigabit Ethernet
- Dual PCI interfaces
- Hi-Speed USB controllers
️· Integrated Security Engine: (Indicated by the "E" suffix in the part number - e.g., MPC8349E). Includes support for:
- DES
- 3DES
- MD-5
- SHA-1
- AES
- ARC-4
- Public key accelerator
- On-chip random number generator
3. Applications:
Suitable for a wide range of applications, including:
️· Ethernet routers and switches
️· Wireless LAN (WLAN) equipment
️· Network storage devices
️· Home network appliances
️· Industrial control systems
️· Copiers and printers
4. Key Advantages:
️· Cost-Effectiveness: Offers a good balance of performance and cost.
️· Integration: High level of integration simplifies board design.
️· Flexibility: Flexible SoC platform allows for market-optimized designs.
5. Part Number Designation:
️· MPC8349E: Base part number. "E" signifies the presence of the integrated security engine.
️· Suffixes: Indicate various characteristics:
- AJF: Indicates the CPU/DDR frequency (e.g., 533/333).
- C: Indicates a temperature range (-40 to 105°C).
- Package Suffixes: Different suffixes specify the package type (e.g., TBGA, PBGA) and pin count.
Comparison to MPC8347 and MPC8343:
| Feature | MPC8349E | MPC8347 | MPC8343 |
|---|---|---|---|
| Core | e300 | e300 | e300 |
| Max Frequency | 667 MHz | 400 MHz | N/A |
| Memory Controller | DDR/DDR2 | DDR/DDR2 | DDR/DDR2 |
| PCI Interface | Dual | Single | Single |
| Security Engine | Yes (E suffix) | Yes (E suffix) | Yes (E suffix) |
| Part No. | MPC8349E |
| Manufacturer | FREESCALE |
| Size | 4Mb |
| Pages | 2 pages |
| Description | PowerQUICC II??Pro |