| 전자부품 데이터시트 검색엔진 |
|
MPC8349E 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8349E 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 2 page ![]() Overview Freescale Semiconductor’s MPC8349E PowerQUICC II™ Pro family of integrated communications processors is a next-generation extension of the popular PowerQUICC II line. Based on a system-on-chip (SoC) architecture, the MPC8349E PowerQUICC II Pro Family integrates the enhanced e300 core, built on Power Architecture™ technology, and advanced features, such as DDR/DDR2 memory, Dual Gigabit Ethernet, Dual PCI and Hi-Speed USB controllers. With clock speeds scaling to 667 MHz, the MPC8349E family of processors offers the highest performing PowerQUICC II devices available. The MPC8349E PowerQUICC II Pro Family is designed to provide a cost-effective, highly integrated control processing solution that addresses the emerging needs of networking, communications and pervasive computing applications. MPC8349E processors can be used in applications such as Ethernet routers and switches, wireless LAN (WLAN) equipment, network storage, home network appliances, industrial control equipment, copiers, printers and other imaging systems. e300 SoC Platform The MPC8349E PowerQUICC II Pro Family is based on the e300 SoC platform—making it easy and fast to add or remove functional blocks and develop additional SoC-based family members targeting emerging market requirements. The e300 core, built on Power Architecture technology, is an enhanced version of the 603e core used in previous generations. Enhancements include twice as much L1 cache MPC8349E BLOCK DIAGRAM e300 core built on Power Architecture™ technology Security DUART Dual I2C SPI Interrupt Controller GPIO Timers 32 KB D-Cache 32 KB I-Cache Local Bus DDR/DDR2 Controller Hi-Speed USB Host Device 10/100/100 Ethernet 10/100/100 Ethernet PCI PCI DMA (32 KB data cache and 32 KB instruction cache) with integrated parity checking, and other performance-enhancing features. The e300 core is completely software-compatible with existing 603e core-based products. Integrated Security The MPC8349E Family features a powerful integrated security engine derived from Freescale’s security coprocessor product line. The MPC8349E Family’s security engine supports DES, 3DES, MD-5, SHA-1, AES and ARC-4 encryption algorithms, as well as a public key accelerator and an on-chip random number generator. The security engine is capable of single-pass encryption and authentication, as required by IPsec, IEEE ® 802.11i standard and other security protocols. Key Advantages > Exceptional price/performance for highly integrated, cost-sensitive applications > Processor speeds up to 667 MHz > High level of integration enabling simplified board design > Flexible SoC platform for market-optimized designs and fast time to market > Dual Gigabit Ethernet and Dual PCI interfaces MPC8349E PowerQUICC II™ Pro Integrated Communications Processors |
유사한 부품 번호 - MPC8349E |
|
유사한 설명 - MPC8349E |