| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TG994-2 Datasheet
# Example questions:
➢ What is the range of working temperatures for which the tg994 thermal conductive pad is specified to function?
➢ Which standardized test method is used to determine the thermal conductivity of the tg994 pad?
➢ How does the tensile strength of the tg994 compare to its elongation, according to the provided properties?
# TG994 Thermal Conductive Pad
## Features
· Superior thermal conductivity
· Highly compressible
· Naturally tacky
· Low Shore 00 hardness
· Low oil bleed
· Electrically insulating
· REACH & RoHS Compliant
## Applications
· Electronic components (IC, CPU, MOS)
· LED, M/B, P/S, Heat Sink
· LCD, TV, Notebook PC, Telecom Device, Wireless Hub
· DDR II Module, DVD Applications, Hand-set applications
## Properties
| Property | Value | Unit | Tolerance | Test Method |
|---|---|---|---|---|
| Colour | Grey | - | - | Visual |
| Thickness | 0.5 - 5.0 | mm | - | ASTM D374 |
| Thermal Conductivity | 13 | W/mK | ±0.6 | ASTM D5470 |
| Dielectric Breakdown Voltage | 13 | kV/mm | ±1.3 | ASTM D149 |
| Weight Loss | <1 | % | - | ASTM E595 |
| Density | 3.2 | g/cm³ | ±0.2 | ASTM D792 |
| Working Temperature | -45 to 200 | ˚C | - | - |
| Volume Resistance | >10¹² | Ohm-cm | - | ASTM D257 |
| Elongation | 50 | % | ±13 | ASTM D412 |
| Tensile Strength | 0.5 | Kgf/cm² | ±2 | ASTM D412 |
| Hardness | 80 | Shore 00 | ±15 | ASTM D2240 |
| Specific Gravity | 3.3 | g/cm³ | ±0.2 | ASTM D792 |
| Size | Thickness (mm) | 0.50 | 0.80 | 1.00 | 1.50 | 2.00 |
|---|---|---|---|---|---|---|
| 100x100 | 16.00 | 25.60 | 32.00 | 48.00 | 64.00 | |
| 150x150 | 36.00 | 57.60 | 72.00 | 108.00 | 144.00 | |
| 300x300 | 144.00 | 230.40 | 288.00 | 432.00 | 576.00 | |
| 320x320 | 163.84 | 262.14 | 327.68 | 491.52 | 655.36 |
# TG994 Thermal Conductive Pad
## Features
· Superior thermal conductivity
· Highly compressible
· Naturally tacky
· Low Shore 00 hardness
· Low oil bleed
· Electrically insulating
· REACH & RoHS Compliant
## Applications
· Electronic components (IC, CPU, MOS)
· LED, M/B, P/S, Heat Sink
· LCD, TV, Notebook PC, Telecom Device, Wireless Hub
· DDR II Module, DVD Applications, Hand-set applications
## Properties
| Property | Value | Unit | Tolerance | Test Method |
|---|---|---|---|---|
| Colour | Grey | - | - | Visual |
| Thickness | 0.5 - 5.0 | mm | - | ASTM D374 |
| Thermal Conductivity | 13 | W/mK | ±0.6 | ASTM D5470 |
| Dielectric Breakdown Voltage | 13 | kV/mm | ±1.3 | ASTM D149 |
| Weight Loss | <1 | % | - | ASTM E595 |
| Density | 3.2 | g/cm³ | ±0.2 | ASTM D792 |
| Working Temperature | -45 to 200 | ˚C | - | - |
| Volume Resistance | >10¹² | Ohm-cm | - | ASTM D257 |
| Elongation | 50 | % | ±13 | ASTM D412 |
| Tensile Strength | 0.5 | Kgf/cm² | ±2 | ASTM D412 |
| Hardness | 80 | Shore 00 | ±15 | ASTM D2240 |
| Specific Gravity | 3.3 | g/cm³ | ±0.2 | ASTM D792 |
| Size | Thickness (mm) | 0.50 | 0.80 | 1.00 | 1.50 | 2.00 |
|---|---|---|---|---|---|---|
| 100x100 | 16.00 | 25.60 | 32.00 | 48.00 | 64.00 | |
| 150x150 | 36.00 | 57.60 | 72.00 | 108.00 | 144.00 | |
| 300x300 | 144.00 | 230.40 | 288.00 | 432.00 | 576.00 | |
| 320x320 | 163.84 | 262.14 | 327.68 | 491.52 | 655.36 |
| Part No. | TG994-2 |
| Manufacturer | TGLOBAL |
| Size | 550 Kbytes |
| Pages | 1 page |
| Description | Thermal Conductive Pad |