전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TG994-2 데이터시트(PDF) 1 Page - T-Global Technology

부품명 TG994-2
상세설명  Thermal Conductive Pad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGLOBAL [T-Global Technology]
홈페이지  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

TG994-2 데이터시트(HTML) 1 Page - T-Global Technology

  TG994-2 Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TG994
Thermal Conductive Pad
Version 4.130220
Thermal Conductive Pad
TG994 is a silicone based thermal interface material. TG994 has a low thermal
impedance, conforms readily to surfaces due to its low hardness and provides a high
dielectric breakdown voltage. TG994 can be provided in various thicknesses and
formats, such as custom die cuts, standard sheets or log rolls depending on the end
application.
Features
Superior thermal conductivity
Highly compressible
Naturally tacky
Low Shore 00 hardness
Low oil bleed
Electrically insulating
Applications
Electronic components: IC, CPU, MOS
LED, M/B, P/S, Heat Sink
LCD, TV, Notebook PC, PC Telecom Device, Wireless Hub, etc.
DDR II Module, DVD Applications, Hand-set applications, etc.
Properties
REACH Compliant
ROHS Compliant
T-Global Technology Limited
1 & 2 Cosford Business Park, Central Park,
Lutterworth, Leicestershire LE17 4QU U.K.
Tel: +44 (0)1455 553 510
Email: sales@tglobaltechnology.com
Web: www.tglobaltechnology.com
VAT #: GB 116 662 714
Property
TG994
Unit
Tolerance Test Method
Colour
Grey
-
-
Visual
Thickness
0.5 - 5.0
mm
-
ASTM D374
0.0197 - 0.1968
inch
-
ASTM D374
Thermal Conductivity
13
W/mK
±0.6
ASTM D5470
Dielectric Breakdown Voltage
13
kV/mm
±1.3
ASTM D149
Weight Loss
‹1
%
-
ASTM E595
Density
3.2
g/cm³
±0.2
ASTM D792
Working Temperature
-45 to 200
˚C
-
-
Volume Resistance
›10¹²
Ohm-cm
-
ASTM D257
Elongation
50
%
±13
ASTM D412
Tensile Strength
0.5
Kgf/cm²
±2
ASTM D412
Hardness
80
Shore 00
±15
ASTM D2240
Specific Gravity
3.3
g/cm3
±0.2
ASTM D792
Standard Weights & Dimensional Tolerance
Size
Thickness
(mm)
0.50
0.80
1.00
1.50
2.00
100x100
16.00
25.60
32.00
48.00
64.00
150x150
36.00
57.60
72.00
108.00
144.00
300x300
144.00
230.40
288.00
432.00
576.00
320x320
163.84
262.14
327.68
491.52
655.36
* All measurements in mm
NOTICE: The information contained herein is to the best of our knowledge true and accurate. However, since the
varied conditions of potential use are beyond our control, all recommendations or suggestions are presented with-
out guarantee or responsibility on our part and users should make their own test to determine the suitability of
our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness
for a particular purpose or otherwise, except that this product shall be of standard quality, and except to the extent
otherwise stated T-Global Technology Europe and North America’s invoice, quotation, or order acknowledgment.
We disclaim any and liability incurred in connection with the use of information contained herein, or otherwise. All
risks of such are assumed by the user. Furthermore, nothing contained herein shall be construed as a recommen-
dation to use any process or to manufacture or to use any product in conflict with existing future patents covering
any product or material or its use.
* Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.


유사한 부품 번호 - TG994-2

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
TG90-09A GLENAIR-TG90-09A Datasheet
178Kb / 1P
Connector Wrench
TG90-09B GLENAIR-TG90-09B Datasheet
178Kb / 1P
Connector Wrench
TG90-09C GLENAIR-TG90-09C Datasheet
178Kb / 1P
Connector Wrench
TG90-09D GLENAIR-TG90-09D Datasheet
178Kb / 1P
Connector Wrench
TG90-09E GLENAIR-TG90-09E Datasheet
178Kb / 1P
Connector Wrench
More results

유사한 설명 - TG994-2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
H48-2 ETC2-H48-2 Datasheet
540Kb / 1P
Thermal Conductive Pad
H48-2K ETC2-H48-2K Datasheet
713Kb / 1P
Thermal Conductive Pad on rolls
H48-6C ETC2-H48-6C Datasheet
268Kb / 1P
Thermal Conductive Pad
H48-6G ETC2-H48-6G Datasheet
445Kb / 1P
Thermal Conductive Pad
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
Non-Silicone Thermal Conductive Pad
logo
Analog Technologies, In...
ATCR1R5 ANALOGTECHNOLOGIES-ATCR1R5 Datasheet
211Kb / 3P
Thermal Conductive Pad
7/6/2015
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
THERMAL PAD
08/05/2022
logo
T-Global Technology
TG-A373F TGLOBAL-TG-A373F Datasheet
404Kb / 1P
Thermal Pad
20230721
TG-A373L TGLOBAL-TG-A373L Datasheet
379Kb / 1P
Thermal Pad
20230721
TG832 TGLOBAL-TG832 Datasheet
535Kb / 1P
Ultra-Soft Thermal Conductive Pad
Version 2.130218
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com