전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMPLH5030S-R24M Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AMPLH5030S-R24M Datasheet

  • # Example questions: ➢ What materials are used for the core, wire, and electrode of the inductors, according to the 'components material' section?
    ➢ What is the typical dc resistance (dcr) of the amplh5030s-1r5m inductor?
    ➢ What are the temperature and time parameters for the 'preheat' zone during the reflow soldering process?

  • Part No.AMPLH5030S-R24M
    ManufacturerABRACON
    Size714 Kbytes
    Pages6 pages
    DescriptionMolded Inductor (Carbonyl)
    Datasheet Summary with AI

    1. Product Series & Description

    ️· Product Series: AMPLH5030S
    ️· Type: Shielded Power Inductor
    ️· Application: Likely used in DC-DC converters, power management circuits, and other applications requiring current regulation.

    2. Table of Specifications (Main Inductor Values)

    The core of the document is a table showing various inductor values and their associated electrical characteristics. Here's a summarized version of the critical parameters, using a few representative rows to illustrate the format:

    Part Number Inductance (μH) Tolerance (%) DC Resistance (mΩ) DCR (mΩ) Saturation Current (A) RMS Current (A)
    AMPLH5030S-R33M 0.33 ±20 3.4 2.8 25.0 21.0
    AMPLH5030S-1R5M 1.50 ±20 10.0 8.3 15.0 14.0
    AMPLH5030S-6R8M 6.80 ±20 50.0 41.5 8.0 7.2
    AMPLH5030S-150M 15.00 ±20 118.0 98.0 3.7 3.5

    ️· Inductance (L): The inductor's value in microhenries (µH).
    ️· Tolerance: How much the actual inductance can vary from the stated value (±20% in all listed cases).
    ️· DC Resistance (DCR): The resistance of the inductor's coil at DC. Lower is generally better for efficiency. The "typical" and "max" values are presented.
    ️· Saturation Current (Isat): The current level at which the inductor's core begins to saturate, significantly reducing inductance and increasing DC resistance. Exceeding this current can damage the inductor.
    ️· RMS Current (Irms): The maximum RMS current the inductor can handle without significant overheating.

    3. Materials

    ️· Core: Alloy Powder (likely ferrite-based)
    ️· Wire: Polyester Wire
    ️· Electrode: Cu/Ni/Sn (Copper/Nickel/Tin alloy)
    ️· Marking: Ink

    4. Reflow Soldering Profile

    ️· Preheat: 150°C - 200°C for 60-120 seconds.
    ️· Reflow: ≥217°C for 60-150 seconds.
    ️· Peak Temperature: 260°C for 30 seconds max. (This profile is critical for proper soldering without damaging the inductor).

    5. Dimensions & Tape and Reel Specifications

    ️· Tape and Reel Dimensions: 13" x 12mm reel
    ️· Dimensions Details (in mm):
    - A0 = 5.70 ± 0.10
    - B0 = 6.50 ± 0.10
    - W = 12.00 ± 0.3
    - F = 5.5 ± 0.1
    - P = 8.00 ± 0.10
    - D = 1.5 ± 0.1
    - K0 = 3.30 ± 0.10
    - T = 0.35 ± 0.05

    6. Important Notes/Warnings

    ️· The document mentions "Components Material" likely implying the materials listed under "Materials" are the constituent parts of the inductor.
    ️· The document contains a warning regarding the suitability of the inductors for specific applications.

    Overall Conclusion:

    This datasheet provides the technical specifications for a range of shielded power inductors, enabling engineers to select the appropriate component for their design based on inductance value, current handling, and size requirements. The datasheet also highlights the material composition and provides guidance on reflow soldering techniques.

    1. Product Series & Description

    ️· Product Series: AMPLH5030S
    ️· Type: Shielded Power Inductor
    ️· Application: Likely used in DC-DC converters, power management circuits, and other applications requiring current regulation.

    2. Table of Specifications (Main Inductor Values)

    The core of the document is a table showing various inductor values and their associated electrical characteristics. Here's a summarized version of the critical parameters, using a few representative rows to illustrate the format:

    Part Number Inductance (μH) Tolerance (%) DC Resistance (mΩ) DCR (mΩ) Saturation Current (A) RMS Current (A)
    AMPLH5030S-R33M 0.33 ±20 3.4 2.8 25.0 21.0
    AMPLH5030S-1R5M 1.50 ±20 10.0 8.3 15.0 14.0
    AMPLH5030S-6R8M 6.80 ±20 50.0 41.5 8.0 7.2
    AMPLH5030S-150M 15.00 ±20 118.0 98.0 3.7 3.5

    ️· Inductance (L): The inductor's value in microhenries (µH).
    ️· Tolerance: How much the actual inductance can vary from the stated value (±20% in all listed cases).
    ️· DC Resistance (DCR): The resistance of the inductor's coil at DC. Lower is generally better for efficiency. The "typical" and "max" values are presented.
    ️· Saturation Current (Isat): The current level at which the inductor's core begins to saturate, significantly reducing inductance and increasing DC resistance. Exceeding this current can damage the inductor.
    ️· RMS Current (Irms): The maximum RMS current the inductor can handle without significant overheating.

    3. Materials

    ️· Core: Alloy Powder (likely ferrite-based)
    ️· Wire: Polyester Wire
    ️· Electrode: Cu/Ni/Sn (Copper/Nickel/Tin alloy)
    ️· Marking: Ink

    4. Reflow Soldering Profile

    ️· Preheat: 150°C - 200°C for 60-120 seconds.
    ️· Reflow: ≥217°C for 60-150 seconds.
    ️· Peak Temperature: 260°C for 30 seconds max. (This profile is critical for proper soldering without damaging the inductor).

    5. Dimensions & Tape and Reel Specifications

    ️· Tape and Reel Dimensions: 13" x 12mm reel
    ️· Dimensions Details (in mm):
    - A0 = 5.70 ± 0.10
    - B0 = 6.50 ± 0.10
    - W = 12.00 ± 0.3
    - F = 5.5 ± 0.1
    - P = 8.00 ± 0.10
    - D = 1.5 ± 0.1
    - K0 = 3.30 ± 0.10
    - T = 0.35 ± 0.05

    6. Important Notes/Warnings

    ️· The document mentions "Components Material" likely implying the materials listed under "Materials" are the constituent parts of the inductor.
    ️· The document contains a warning regarding the suitability of the inductors for specific applications.

    Overall Conclusion:

    This datasheet provides the technical specifications for a range of shielded power inductors, enabling engineers to select the appropriate component for their design based on inductance value, current handling, and size requirements. The datasheet also highlights the material composition and provides guidance on reflow soldering techniques.

    Part No.AMPLH5030S-R24M
    ManufacturerABRACON
    Size714 Kbytes
    Pages6 pages
    DescriptionMolded Inductor (Carbonyl)