전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS4T48-5 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GS4T48-5 Datasheet

  • # Example questions: ➢ How does the output ripple voltage change with a maximum output current of 800ma?
    ➢ What certifications does this converter have regarding safety standards?
    ➢ What is the maximum output current this dc-dc converter can provide?

  • Part No.GS4T48-5
    ManufacturerSTMICROELECTRONICS
    Size45 Kbytes
    Pages3 pages
    Description4 W DC-DC CONVERTER
    Datasheet Summary with AI

    # GS4T48-5 DC-DC Converter

    ## Specifications
    ️· Type: 4W DC-DC Converter
    ️· Input Voltage (Vi): 38 to 60V
    ️· Output Voltage (Vo): 5V
    ️· Output Current (Io): 800mA
    ️· Efficiency (η): 70-73% @ 48V input, 800mA load
    ️· Switching Frequency (fs): 50-200 kHz

    ## Electrical Characteristics
    ️· Input Current (Ii): 140mA @ 38-60V, 800mA load
    ️· Input Reflected Current (Iir): 20-30mA (peak-to-peak) @ 48V input, 5V output, 800mA load
    ️· Output Ripple Voltage (Vor): 30-50mVpp @ 48V input, 800mA load (bandwidth 5Hz-20MHz)
    ️· Line Regulation (δVOL): 1-2mV/V
    ️· Load Regulation (δVOO): 50-75mV/A
    ️· Output Short-Circuit Current (Iosc): 2A
    ️· Isolation Voltage (Vis): 500V DC

    ## Environmental & Safety

    ️· Operating Temperature (Still Air): 0 to +55°C
    ️· Operating Temperature (Forced Ventilation - 100 LFM): 0 to +65°C
    ️· Storage Temperature Range: -40 to +85°C
    ️· Safety Certifications:
    - UL: UL-STD-1950 (File Number: E141284)
    - CSA: CSA-STD-C22.2 No. 234 (File Number: LR 99794-3)
    - TUV: EN 60950 / DIN VDE 0805 R 9172410

    ## Other
    ️· Package: Dimensions in mm (details not provided)
    ️· Disclaimer: Not authorized for use in life support devices without written approval.

    # GS4T48-5 DC-DC Converter

    ## Specifications
    ️· Type: 4W DC-DC Converter
    ️· Input Voltage (Vi): 38 to 60V
    ️· Output Voltage (Vo): 5V
    ️· Output Current (Io): 800mA
    ️· Efficiency (η): 70-73% @ 48V input, 800mA load
    ️· Switching Frequency (fs): 50-200 kHz

    ## Electrical Characteristics
    ️· Input Current (Ii): 140mA @ 38-60V, 800mA load
    ️· Input Reflected Current (Iir): 20-30mA (peak-to-peak) @ 48V input, 5V output, 800mA load
    ️· Output Ripple Voltage (Vor): 30-50mVpp @ 48V input, 800mA load (bandwidth 5Hz-20MHz)
    ️· Line Regulation (δVOL): 1-2mV/V
    ️· Load Regulation (δVOO): 50-75mV/A
    ️· Output Short-Circuit Current (Iosc): 2A
    ️· Isolation Voltage (Vis): 500V DC

    ## Environmental & Safety
    ️· Operating Temperature (Still Air): 0 to +55°C
    ️· Operating Temperature (Forced Ventilation - 100 LFM): 0 to +65°C
    ️· Storage Temperature Range: -40 to +85°C
    ️· Safety Certifications:
    - UL: UL-STD-1950 (File Number: E141284)
    - CSA: CSA-STD-C22.2 No. 234 (File Number: LR 99794-3)
    - TUV: EN 60950 / DIN VDE 0805 R 9172410

    ## Other
    ️· Package: Dimensions in mm (details not provided)
    ️· Disclaimer: Not authorized for use in life support devices without written approval.

    Part No.GS4T48-5
    ManufacturerSTMICROELECTRONICS
    Size45 Kbytes
    Pages3 pages
    Description4 W DC-DC CONVERTER