| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TLP512 Datasheet
# Example questions:
➢ What does the document state regarding intellectual property rights and the information provided within it?
➢ What precautions should be taken when handling or disposing of products containing gallium arsenide (gaas)?
➢ What is the primary intended application for the tlp512, and what types of usage are explicitly warned against?
# TLP512 Photocoupler
## Overview
Digital Logic Ground Isolation, Line Receiver, Microprocessor System Interfaces, Switching Power Supply Feedback Control, and Transistor Inverter applications. Consists of a GaAℓAs high-output light emitting diode and a high-speed detector with a PN photodiode and amplifier transistor.
## Key Features
️· Isolation Voltage: 2500 Vrms (min)
️· Switching Speed: tpH L = tpH H = 0.8 µs (max) @RL = 1.9 kΩ
️· TTL Compatible
️· UL Recognized: UL1577, file No. E67349
## Electrical Characteristics (Ta = 25°C)
️· Forward Voltage (VF): 1.65 – 1.85 V (IF = 16 mA)
️· Output Current (IO): 8 mA
️· Current Transfer Ratio (IO/IF): 20 - 40%
## Maximum Ratings (Ta = 25°C)
️· DC Forward Current (IF): 25 mA
️· Pulse Forward Current (IFP): 50 mA
️· Peak Transient Forward Current (IFPT): 1 A
️· Operating Temperature Range: -55 to 100 °C
️· Storage Temperature Range: -55 to 125 °C
## Package & Weight
️· Weight: 0.4 g (typ.)
️· Pin Configuration: (See datasheet for detailed pinout – Anode, Cathode, NC, Emitter (GND), Collector (OUT), VCC)
## Important Notes
️· Device is UL recognized.
️· GaAs is used - handle and dispose of properly.
️· Ensure use within specified ratings to avoid malfunction.
️· Not intended for use in life-critical applications.
# TLP512 Photocoupler
## Overview
Digital Logic Ground Isolation, Line Receiver, Microprocessor System Interfaces, Switching Power Supply Feedback Control, and Transistor Inverter applications. Consists of a GaAℓAs high-output light emitting diode and a high-speed detector with a PN photodiode and amplifier transistor.
## Key Features
️· Isolation Voltage: 2500 Vrms (min)
️· Switching Speed: tpH L = tpH H = 0.8 µs (max) @RL = 1.9 kΩ
️· TTL Compatible
️· UL Recognized: UL1577, file No. E67349
## Electrical Characteristics (Ta = 25°C)
️· Forward Voltage (VF): 1.65 – 1.85 V (IF = 16 mA)
️· Output Current (IO): 8 mA
️· Current Transfer Ratio (IO/IF): 20 - 40%
## Maximum Ratings (Ta = 25°C)
️· DC Forward Current (IF): 25 mA
️· Pulse Forward Current (IFP): 50 mA
️· Peak Transient Forward Current (IFPT): 1 A
️· Operating Temperature Range: -55 to 100 °C
️· Storage Temperature Range: -55 to 125 °C
## Package & Weight
️· Weight: 0.4 g (typ.)
️· Pin Configuration: (See datasheet for detailed pinout – Anode, Cathode, NC, Emitter (GND), Collector (OUT), VCC)
## Important Notes
️· Device is UL recognized.
️· GaAs is used - handle and dispose of properly.
️· Ensure use within specified ratings to avoid malfunction.
️· Not intended for use in life-critical applications.
| Part No. | TLP512 |
| Manufacturer | TOSHIBA |
| Size | 174 Kbytes |
| Pages | 7 pages |
| Description | Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter |