전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP512 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TLP512
상세설명  Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP512 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TLP512 Datasheet HTML 1Page - Toshiba Semiconductor TLP512 Datasheet HTML 2Page - Toshiba Semiconductor TLP512 Datasheet HTML 3Page - Toshiba Semiconductor TLP512 Datasheet HTML 4Page - Toshiba Semiconductor TLP512 Datasheet HTML 5Page - Toshiba Semiconductor TLP512 Datasheet HTML 6Page - Toshiba Semiconductor TLP512 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP512
2002-11-28
4
Switching Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Propagation delay time (H
® L)
tpHL
IF = 0 ® 16 mA, RL = 1.9 kW
¾
¾
0.8
ms
Propagation delay time (L
® H)
tpLH
1
IF = 16 ® 0 mA, RL = 1.9 kW
¾
¾
0.8
ms
Common mode transient immunity at
logic high output
(Note 8)
CMH
IF = 0 mA, VCM = 200 VP−P
RL = 1.9 kW
¾
1500
¾
V/
ms
Common mode transient immunity at
logic low output
(Note 8)
CML
2
IF = 16 mA, VCM = 200 VP−P
RL = 1.9 kW
¾
-1500
¾
V/
ms
Note 8: Common mode transient immunity in logic high level is the maximum tolerable (positive) dVCM/dt on the
leading edge of the common mode pulse, VCM, to assure that the output will remain in a logic high state
(VOUT > 2.0 V).
Common mode transient immunity in logic low level is the maximum tolerable (negative) dVCM/dt on the
trailing edge of the common mode pulse, VCM, to assure that the output will remain in a logic low state
(VOUT < 0.8 V).
Note 9: Electrostatic discharge immunity (pin to pin): 100 V (max)
(C
£ 200 pF, R = 0)
Test Circuit 1: Switching Time Test Circuit
Test Circuit 2: Common Mode Noise Immunity Test Circuit
s)
(
f
t
(V)
160
L
CM
,
s)
(
r
t
(V)
160
H
CM
m
=
m
=
1
3
6
4
2
5
VCC = 5 V
VO
Output monitor
IF
RL
VCM
Pulse generator
ZO = 50 W
VCM
200 V
VO
(IF = 0 mA)
VO
(IF = 16 mA)
0 V
5 V
2 V
0.8 V
VOL
10%
90%
tf
tr
tpHL
1.5 V
5 V
1.5 V
VOL
tpLH
VO
0
IF
1
3
6
4
2
5
VCC = 5 V
VO
Output monitor
Pulse input
PW
= 100 ms
Duty ratio
= 1/10
IF monitor
IF
RL



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com