전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTP455A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LTP455A Datasheet

  • # Example questions: ➢ What is the standard tolerance for the center frequency range of these filters?
    ➢ What lead length options are available for the ltp455a filter?
    ➢ What is the maximum insert loss in db for the ltp455a filter?

  • Part No.LTP455A
    ManufacturerTOKEN
    Size322 Kbytes
    Pages3 pages
    DescriptionLTP Ceramic Filters for AM
    Datasheet Summary with AI

    # Token LTP Ceramic Filters for AM

    ## Overview
    Token ceramic filters designed for AM applications, RoHS compliant and lead-free. Ideal for low-cost products requiring efficient filtering. Compatible with Murata SFU450/455kHz.

    ## Key Features
    · Frequency Range: 450-470 kHz (standard tolerance ±2kHz)
    · Insert Loss: Max 5.0 dB
    · High Selectivity & Stability: Adjustment-free operation.
    · Customization: Custom designs and tighter tolerances available on request.

    ## Technical Specifications (Example - LTP455A)
    | Parameter | Value |
    |---|---|
    | 3dB Bandwidth | 9.5 ± 3 kHz |
    | Center Frequency (fo) | 455 ± 2 kHz |
    | Selectivity | 5.0 dB min |
    | Insert Loss | 3.0 dB max |
    | Composition | One element |
    | Lead Length (L) | 3.6 / 5.0 mm |


    ## Other Available Models
    · LTP455B
    · LTP450BY
    · LTP450BY1

    ## Ordering Information
    · Part Number: (e.g. LTP455A)
    · Package: Specify package requirements.

    ## Recommended IFT
    · 7mm Square IFT available.
    · Winding Specifications: 70T, 115T, 7T, Unloaded Qu: 105, Tuning Capacity: 108PF.

    # Token LTP Ceramic Filters for AM

    ## Overview
    Token ceramic filters designed for AM applications, RoHS compliant and lead-free. Ideal for low-cost products requiring efficient filtering. Compatible with Murata SFU450/455kHz.

    ## Key Features
    · Frequency Range: 450-470 kHz (standard tolerance ±2kHz)
    · Insert Loss: Max 5.0 dB
    · High Selectivity & Stability: Adjustment-free operation.
    · Customization: Custom designs and tighter tolerances available on request.

    ## Technical Specifications (Example - LTP455A)
    Parameter Value
    3dB Bandwidth 9.5 ± 3 kHz
    Center Frequency (fo) 455 ± 2 kHz
    Selectivity 5.0 dB min
    Insert Loss 3.0 dB max
    Composition One element
    Lead Length (L) 3.6 / 5.0 mm

    ## Other Available Models
    · LTP455B
    · LTP450BY
    · LTP450BY1

    ## Ordering Information
    · Part Number: (e.g. LTP455A)
    · Package: Specify package requirements.

    ## Recommended IFT
    · 7mm Square IFT available.
    · Winding Specifications: 70T, 115T, 7T, Unloaded Qu: 105, Tuning Capacity: 108PF.

    Part No.LTP455A
    ManufacturerTOKEN
    Size322 Kbytes
    Pages3 pages
    DescriptionLTP Ceramic Filters for AM