전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTP455A 데이터시트(PDF) 1 Page - Token Electronics Industry Co., Ltd.

부품명 LTP455A
상세설명  LTP Ceramic Filters for AM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOKEN [Token Electronics Industry Co., Ltd.]
홈페이지  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LTP455A 데이터시트(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  LTP455A Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LTP455A Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LTP455A Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
LTP Ceramic Filters for AM
Ceramic Filters for AM
Token Ceramic Filters for AM
are Compatible Murata SFU450/455kHz
Preview
Token ceramic filters are primarily designed for piezoelectric lines and conform to the RoHS directive and
Lead-free. Ceramic filters for AM (LTP) series are designed to address the needs of standard AM filtering
requirements. These filters are recommended for use in low cost products where economically, efficient designs
are critical.
The LTP series for AM use is one of the most recommendable intermediate filters, having such distinctive
features as high selectivity, high stability, and adjustment-free operation. Additionally its easy matching with IC
helps create an easy circuit design.
Token ceramic filters can supply you high performance, high quality and stability. The LTP series can be
customed designs and tighter tolerances available on request. Application of ceramic filters specific designs also
available including different piezo band-pass devices and Q specifications adjusted to frequency requirements.
Benefit Features
- Center frequency range between 450~470kHz are available standard tolerance of ±2kHz.
- Insert Loss (dB) max 5.0 db.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


유사한 부품 번호 - LTP455A

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LTP4SG OSRAM-LTP4SG Datasheet
597Kb / 22P
PointLED
LTP4SG-V1AB-36-1 OSRAM-LTP4SG-V1AB-36-1 Datasheet
597Kb / 22P
PointLED
LTP4SG-V1AB-36-F OSRAM-LTP4SG-V1AB-36-F Datasheet
597Kb / 22P
PointLED
More results

유사한 설명 - LTP455A

제조업체부품명데이터시트상세설명
logo
TOKO, Inc
ALFY455H TOKO-ALFY455H Datasheet
117Kb / 1P
AM CERAMIC FILTERS
CFA TOKO-CFA Datasheet
95Kb / 1P
AM CERAMIC FILTERS
CFJW TOKO-CFJW Datasheet
90Kb / 1P
AM CERAMIC FILTERS
CFM2 TOKO-CFM2 Datasheet
96Kb / 1P
AM CERAMIC FILTERS
CFMA TOKO-CFMA Datasheet
114Kb / 1P
AM CERAMIC FILTERS WITH MATCHING COIL
CFMM2 TOKO-CFMM2 Datasheet
118Kb / 1P
AM CERAMIC FILTERS
CFMR TOKO-CFMR Datasheet
95Kb / 1P
AM CERAMIC FILTERS
LFC TOKO-LFC Datasheet
173Kb / 2P
AM CERAMIC FILTERS
LFY TOKO-LFY Datasheet
194Kb / 2P
AM CERAMIC FILTERS
logo
Token Electronics Indus...
LTZ455HL TOKEN-LTZ455HL Datasheet
300Kb / 3P
LTZ Ceramic Filters for AM
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com