| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RT8074 Datasheet
# Example questions:
➢ What is the primary purpose of the 'hiccup mode under voltage protection' feature?
➢ What is the maximum power dissipation for the sop-8 package with a standard jedec 51-7 four-layer thermal test board at an ambient temperature of 25°c?
➢ Name at least two specific layout recommendations provided to optimize performance.
RT8074 Overview:
The RT8074 is a synchronous buck converter designed for efficient step-down voltage regulation. It's aimed at applications needing a compact solution with good efficiency and protection features.
Key Features:
️· Input Voltage: 2.5V to 5.5V.
️· Output Voltage: Adjustable, programmable via external resistors.
️· Synchronous Rectification: Uses a synchronous rectifier for higher efficiency.
️· High Efficiency: Designed for high efficiency across a range of load conditions.
️· Current Limit & Protection: Includes current limit, short-circuit protection, and thermal shutdown.
️· Hiccup Mode: Offers a hiccup mode for UVP (under-voltage protection), reducing inrush current during faults.
️· UVLO: Under Voltage Lockout
️· Compact Package: Available in an 8-lead SOP with an exposed pad for thermal performance.
Main Applications:
️· Portable Devices (Smartphones, Tablets, etc.)
️· Digital Cameras
️· Wireless Communication Devices
️· Power Management in General Electronic Applications
Important Design Considerations:
️· Input/Output Capacitors: Proper selection and placement of input and output capacitors are crucial for stable operation and minimizing noise.
️· PCB Layout: The datasheet stresses the importance of a well-designed PCB layout to minimize trace lengths, reduce noise, and improve thermal performance.
️· Thermal Management: The exposed pad on the SOP package needs to be connected to a thermal plane to effectively dissipate heat.
️· Feedback Resistor Selection: Requires proper resistor selection to program the desired output voltage.
Key Specifications:
The datasheet provides detailed electrical characteristics and performance graphs, but here's a quick overview:
️· Efficiency can be over 90% depending on the load and input/output voltages.
️· The device can deliver a several amps of current.
️· Switching frequency is fixed.
RT8074 Overview:
The RT8074 is a synchronous buck converter designed for efficient step-down voltage regulation. It's aimed at applications needing a compact solution with good efficiency and protection features.
Key Features:
️· Input Voltage: 2.5V to 5.5V.
️· Output Voltage: Adjustable, programmable via external resistors.
️· Synchronous Rectification: Uses a synchronous rectifier for higher efficiency.
️· High Efficiency: Designed for high efficiency across a range of load conditions.
️· Current Limit & Protection: Includes current limit, short-circuit protection, and thermal shutdown.
️· Hiccup Mode: Offers a hiccup mode for UVP (under-voltage protection), reducing inrush current during faults.
️· UVLO: Under Voltage Lockout
️· Compact Package: Available in an 8-lead SOP with an exposed pad for thermal performance.
Main Applications:
️· Portable Devices (Smartphones, Tablets, etc.)
️· Digital Cameras
️· Wireless Communication Devices
️· Power Management in General Electronic Applications
Important Design Considerations:
️· Input/Output Capacitors: Proper selection and placement of input and output capacitors are crucial for stable operation and minimizing noise.
️· PCB Layout: The datasheet stresses the importance of a well-designed PCB layout to minimize trace lengths, reduce noise, and improve thermal performance.
️· Thermal Management: The exposed pad on the SOP package needs to be connected to a thermal plane to effectively dissipate heat.
️· Feedback Resistor Selection: Requires proper resistor selection to program the desired output voltage.
Key Specifications:
The datasheet provides detailed electrical characteristics and performance graphs, but here's a quick overview:
️· Efficiency can be over 90% depending on the load and input/output voltages.
️· The device can deliver a several amps of current.
️· Switching frequency is fixed.
| Part No. | RT8074 |
| Manufacturer | RICHTEK |
| Size | 145 Kbytes |
| Pages | 10 pages |
| Description | 4A, 2MHz, Synchronous Step-Down Converter |