전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT8074 데이터시트(PDF) 3 Page - Richtek Technology Corporation

부품명 RT8074
상세설명  4A, 2MHz, Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8074 데이터시트(HTML) 3 Page - Richtek Technology Corporation

  RT8074 Datasheet HTML 1Page - Richtek Technology Corporation RT8074 Datasheet HTML 2Page - Richtek Technology Corporation RT8074 Datasheet HTML 3Page - Richtek Technology Corporation RT8074 Datasheet HTML 4Page - Richtek Technology Corporation RT8074 Datasheet HTML 5Page - Richtek Technology Corporation RT8074 Datasheet HTML 6Page - Richtek Technology Corporation RT8074 Datasheet HTML 7Page - Richtek Technology Corporation RT8074 Datasheet HTML 8Page - Richtek Technology Corporation RT8074 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT8074
3
DS8074-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN ---------------------------------------------------------------------------------------
−0.3V to 6.5V
LX Pin Switch Voltage --------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
<10ns ----------------------------------------------------------------------------------------------------------------
−5V to 8.5V
Other I/O Pin Voltages -------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
LX Pin Switch Current -------------------------------------------------------------------------------------------- 5A
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) ------------------------------------------------------------------------------------------- 1.33W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA -------------------------------------------------------------------------------------- 75°C/W
SOP-8 (Exposed Pad),
θJC ------------------------------------------------------------------------------------- 15°C/W
Junction Temperature --------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------- 260
°C
Storage Temperature Range ------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) -------------------------------------------------------------------------------------- 2kV
Electrical Characteristics
(VIN = 3.3V, TA = 25
°C, unless otherwise specified)
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN --------------------------------------------------------------------------------------- 2.7V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Reference Voltage
VREF
0.784
0.8
0.816
V
Active , VFB = 0.78V,
Not Switching
--
460
--
DC Bias Current
Shutdown
--
--
10
μA
Output Voltage Line Regulation
VIN = 2.7V to 5.5V
--
0.1
--
%/V
Output Voltage Load Regulation
0A < ILOAD < 4A
--
0.25
--
%
Error Amplifier
Trans-conductance
gm
--
400
--
μA/V
Current Sense Trans-resistance
RT
--
0.3
--
Ω
ROSC = 330kΩ
0.8
1
1.2
Switching Frequency
fSW
Switching
0.2
--
2
MHz
Logic-High
VIH
1.6
--
--
EN Input
Voltage
Logic-Low
VIL
--
--
0.4
V
Switch On Resistance, High
RDS(ON)_P
ILX = 0.5A
--
110
180
m
Ω
Switch On Resistance, Low
RDS(ON)_N ILX = 0.5A
--
70
120
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com