전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ROM-1210 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ROM-1210 Datasheet

  • # Example questions: ➢ What is the full power consumption of the rom-1210 module during normal operation?
    ➢ Besides windows embedded compact 7, android 3, and embedded linux 6, what other operating systems are potentially supported with project support?
    ➢ What are the available options for system ram and flash memory in the rom-1210 module?

  • Part No.ROM-1210
    ManufacturerADVANTECH
    Size1Mb
    Pages2 pages
    DescriptionCOM with Freescale i.MX53 Series Processor
    Datasheet Summary with AI

    # ROM-1210

    ## Features
    ️· Freescale ARM Cortex™-A8 i.MX53 1 GHz processor
    ️· Supports OpenGL ES 2.0 and OpenVG™ 1.1 hardware accelerators
    ️· Supports full HD 1080p video decode and HD 720p video encode hardware engine
    ️· Freescale Smart Speed™ Technology for low power consumption
    ️· Industrial design with 3.3V I/O voltage and wide temperature range
    ️· Rich I/O for high expansion capability
    ️· Supports SATA storage interface and CAN-bus
    ️· Supports Android 2.3, Embedded Linux 2.6, Windows® Embedded Compact 7

    ## Introduction
    ️· Industrial Design, I/O intensive COM
    ️· Integrates ARM Cortex-A8 1 GHz Freescale i.MX53 series SoC and I/O chips
    ️· Designed for industrial applications with 3.3V I/O and wide temperature support
    ️· Includes Design-in Package with hardware, cables, API, utility & reference codes, and documentation
    ️· Includes Reference Kit (CSB documentation) and LCD Kit (pre-verified LCD, cables, software support)

    ## Specifications
    ️· CPU: Freescale i.MX535 Cortex-A8 1 GHz (i.MX536 800 MHz for wide temperature)
    ️· RAM: 512 MB DDR3 (256 MB optional)
    ️· Flash: 4 GB (up to 64 GB)
    ️· Graphics: 24-bit LCD controller
    ️· RTC: Yes
    ️· Watchdog Timer: Yes
    ️· Power Management: Standard/idle/suspend mode
    ️· I/O: 3.3V TTL Level (UART x5, Ethernet 10/100 Mbps, USB 2.0 Client/Host, SD/MMC x2, SATA, Touch, System Bus, I2C x2, SPI, CAN-bus, GPIO, I2S, Keypad, LVDS)
    ️· Resolution: 800 x 480 WVGA (optional 320 x 240 ~ 1920 x 1080)
    ️· Power Input: 3.3 VDC (+-5%) & 3.6 VDC (+-5%)
    ️· Power Consumption: Full run: 2.2 W, Normal run: 0.8 W
    ️· Dimensions: 68 x 68 x 7.5 mm
    ️· Operating Temperature: 0 ~ 60° C (-40 ~85° C optional)
    ️· Software Support: Embedded Linux 2.6, Windows® Embedded Compact 7, Android 2.3

    ## Ordering Information
    ️· ROM-1210CB-A60AAE: Freescale i.MX535 1 GHz, 256 MB RAM, 24-bit LCD
    ️· ROM-1210CF-A78AAE: Freescale i.MX536 800 MHz, 512 MB RAM, 2 GB Flash
    ️· ROM-1210IF-A78AAE: Freescale i.MX536 800 MHz, 512 MB RAM, 2 GB Flash, Extended Temperature Range
    ️· ROM-1210WF-A78AAE: Freescale i.MX536 800 MHz, 512 MB RAM, 2 GB Flash, Wide Temperature Range

    ## Design-in Package
    ️· ROM-1210DK-B00E: Development board
    ️· Power cords (USA, Europe, UK)

    ## Packing List
    ️· Bulk packing (20 pcs/box)
    ️· Sample image and documentation (Design-in kit only)

    # ROM-1210

    ## Features
    ️· Freescale ARM Cortex™-A8 i.MX53 1 GHz processor
    ️· Supports OpenGL ES 2.0 and OpenVG™ 1.1 hardware accelerators
    ️· Supports full HD 1080p video decode and HD 720p video encode hardware engine
    ️· Freescale Smart Speed™ Technology for low power consumption
    ️· Industrial design with 3.3V I/O voltage and wide temperature range
    ️· Rich I/O for high expansion capability
    ️· Supports SATA storage interface and CAN-bus
    ️· Supports Android 2.3, Embedded Linux 2.6, Windows® Embedded Compact 7

    ## Introduction
    ️· Industrial Design, I/O intensive COM
    ️· Integrates ARM Cortex-A8 1 GHz Freescale i.MX53 series SoC and I/O chips
    ️· Designed for industrial applications with 3.3V I/O and wide temperature support
    ️· Includes Design-in Package with hardware, cables, API, utility & reference codes, and documentation
    ️· Includes Reference Kit (CSB documentation) and LCD Kit (pre-verified LCD, cables, software support)

    ## Specifications
    ️· CPU: Freescale i.MX535 Cortex-A8 1 GHz (i.MX536 800 MHz for wide temperature)
    ️· RAM: 512 MB DDR3 (256 MB optional)
    ️· Flash: 4 GB (up to 64 GB)
    ️· Graphics: 24-bit LCD controller
    ️· RTC: Yes
    ️· Watchdog Timer: Yes
    ️· Power Management: Standard/idle/suspend mode
    ️· I/O: 3.3V TTL Level (UART x5, Ethernet 10/100 Mbps, USB 2.0 Client/Host, SD/MMC x2, SATA, Touch, System Bus, I2C x2, SPI, CAN-bus, GPIO, I2S, Keypad, LVDS)
    ️· Resolution: 800 x 480 WVGA (optional 320 x 240 ~ 1920 x 1080)
    ️· Power Input: 3.3 VDC (+-5%) & 3.6 VDC (+-5%)
    ️· Power Consumption: Full run: 2.2 W, Normal run: 0.8 W
    ️· Dimensions: 68 x 68 x 7.5 mm
    ️· Operating Temperature: 0 ~ 60° C (-40 ~85° C optional)
    ️· Software Support: Embedded Linux 2.6, Windows® Embedded Compact 7, Android 2.3

    ## Ordering Information
    ️· ROM-1210CB-A60AAE: Freescale i.MX535 1 GHz, 256 MB RAM, 24-bit LCD
    ️· ROM-1210CF-A78AAE: Freescale i.MX536 800 MHz, 512 MB RAM, 2 GB Flash
    ️· ROM-1210IF-A78AAE: Freescale i.MX536 800 MHz, 512 MB RAM, 2 GB Flash, Extended Temperature Range
    ️· ROM-1210WF-A78AAE: Freescale i.MX536 800 MHz, 512 MB RAM, 2 GB Flash, Wide Temperature Range

    ## Design-in Package
    ️· ROM-1210DK-B00E: Development board
    ️· Power cords (USA, Europe, UK)

    ## Packing List
    ️· Bulk packing (20 pcs/box)
    ️· Sample image and documentation (Design-in kit only)

    Part No.ROM-1210
    ManufacturerADVANTECH
    Size1Mb
    Pages2 pages
    DescriptionCOM with Freescale i.MX53 Series Processor