전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ROM-1210 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 ROM-1210
상세설명  COM with Freescale i.MX53 Series Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-1210 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  ROM-1210 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-1210 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Solutions
Features
ROM-1210
COM with Freescale
i.MX53 Series Processor
ƒ Freescale ARM Cortex™-A8 i.MX53 1 GHz high performance processor
ƒ Supports OpenGL ES 2.0 and OpenVG™ 1.1 hardware accelerators
ƒ Supports full HD 1080p video decode and HD 720p video encode hardware
engine
ƒ Freescale Smart Speed™ Technology supports low power consumption
ƒ Industrial design with 3.3V I/O voltage and wide range working temperature
ƒ Rich I/O for high expansion capability
ƒ Supports SATA storage interface and CAN-bus for vehicle applications
ƒ Supports Android 2.3, Embedded Linux2.6, Windows® Embedded Compact 7
Introduction
Industrial Design, I/O intensive COM
ROM-1210 Computer-on-Module (COM) integrates ARM Cortex-A8 1 GHz Freescale i.MX53 series ultra low power SoC and I/O solution chips to be Windows® Embedded Compact
7, Android 2.3, and Linux solution-ready! Freescale i.MX53 supports 2D, 3D graphics acceleration, full HD 1080P video decoding and HD 720p video encoding hardware engine.
ROM-1210 with 3.3V I/O Voltage current and wide-range temperature support is specially designed for industrial applications.
Design-in Package Ensures Efficient Evaluation and Implementation
The Design-in Package not only includes all the necessary H/W boards, fixtures and LCD related cables, but also includes the Advantech-customized API, utility & reference codes.
And of course, it includes all design related documentation including a white paper for detailed technical know-how.
Two supporting mechanisms are included in the Design-in Package:
Reference Kit: Includes the Advantech reference Customer Solution Board (CSB) and all documentation relating to CSB design and manufacture (e.g. : Schematics, and pin definition file).
LCD Kit: Includes the LCD, T/S and related cables. All goods are pre-verified and supported in Advantech's reference S/W package.
Specifications
Kernel
M/B
ROM-1210
CPU
Freescale i.MX535 Cortex-A8 1 GHz (i.MX536 Cortex-A8 800 MHz for wide temp. only)
System RAM
512 MB DDR3 (256 MB optional)
Flash
4 GB (up to 64 GB)
Graphic Chip
24-bit LCD controller by CPU
RTC
Yes
Watchdog Timer
Yes
Power Management
Standard/idle/suspend mode
Reset
H/W reset & S/W reset (by register setting)
I/O (All interfaces with industrial
TTL 3.3V Level)
UART
TTL level x5 (4-wire x3 & 2-wire x2)
Ethernet LAN
10/100 Mbps
USB 2.0 Client
1 (OTG supported)
USB 2.0 Host
1
SD/MMC
2
SATA
1
Touch
4 wire Resistive type
System Bus
Yes (address: 25-pin, data: 16-pin)
I2C Interface
2
SPI Interface
1
CAN-bus
Yes (optional)
Keypad
6 x 6 matrix
GPIO
20-pin 3.3V TTL level GPIOs
I2S
1
Multimedia
Graphic Chip
CPU internal 24-bit LCD controller
Resolution
Default 800 x 480 WVGA (320 x 240 ~ 1920 x 1080 as optional)
LCD Interface
2 x 24-bit LVDS connector
Audio
Line-in, Line-out, MIC-in
Power
Power Input
3.3 VDC (+-5%) & 3.6 VDC (+-5%)
Power Consumption
Full run: 2.2 W
Normal run: 0.8 W
Mechanical & Environment
Size
68 x 68 x 7.5 mm
Operating Temperature
0 ~ 60° C (-40 ~85° C by project base)
Operating Humidity
5 ~ 95 % relative humidity, non-condensing
Other
RoHS
Yes
Certifications
CE/FCC Class A
Software Support
Embedded Linux 2.6 (WEC7 and Android 2.3 by project support)
Microsoft®
Windows®
Embedded
All product specifications are subject to change without notice
Last updated : 6-Jul-2012


유사한 부품 번호 - ROM-1210

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
ROM-1210CF-A78AAE ADVANTECH-ROM-1210CF-A78AAE Datasheet
791Kb / 2P
Freescale ARM Cortex-A8 i.MX53 RTX Module
ROM-1210CF-A78AAE ADVANTECH-ROM-1210CF-A78AAE Datasheet
721Kb / 2P
NXP ARM® Cortex®-A8 i.MX53 RTX 1.6 Module
10-Mar-2016
ROM-1210DK-B00E ADVANTECH-ROM-1210DK-B00E Datasheet
1Mb / 2P
Freescale i.MX53 COM with Linux Kernel 2.6
ROM-1210EVALUATIONKIT ADVANTECH-ROM-1210EVALUATIONKIT_14 Datasheet
1Mb / 2P
Freescale i.MX53 COM with Linux Kernel 2.6
ROM-1210WF-A78AAE ADVANTECH-ROM-1210WF-A78AAE Datasheet
791Kb / 2P
Freescale ARM Cortex-A8 i.MX53 RTX Module
More results

유사한 설명 - ROM-1210

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
RSB-4210 ADVANTECH-RSB-4210 Datasheet
1Mb / 2P
SBC with Freescale i.MX53 Series Processor
logo
Active-Semi, Inc
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
logo
Advantech Co., Ltd.
RSB-4210EVALUATIONKIT ADVANTECH-RSB-4210EVALUATIONKIT Datasheet
1Mb / 2P
Freescale i.MX53 SBC with Linux Kernel 2.6
SOM-C3503 ADVANTECH-SOM-C3503 Datasheet
1Mb / 2P
COM with TI OMAP35 Series Processor
logo
Active-Semi, Inc
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
logo
Advantech Co., Ltd.
ROM-1210 ADVANTECH-ROM-1210_15 Datasheet
791Kb / 2P
Freescale ARM Cortex-A8 i.MX53 RTX Module
ROM-1210EVALUATIONKIT ADVANTECH-ROM-1210EVALUATIONKIT_14 Datasheet
1Mb / 2P
Freescale i.MX53 COM with Linux Kernel 2.6
RSB-4210 ADVANTECH-RSB-4210_12 Datasheet
1Mb / 2P
Freescale i.MX53 SBC with Linux Kernel 2.6
RSB-4210 ADVANTECH-RSB-4210_15 Datasheet
993Kb / 2P
Freescale ARM Cortex-A8 i.MX53 SBC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com