전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8260EC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MPC8260EC Datasheet

  • # Example questions: ➢ What is a key consideration when calculating power dissipation on input/output pins (p i/o)?
    ➢ Identify the variables used in this formula and briefly explain what each represents.
    ➢ What is the typical value for θja (package thermal resistance, junction to ambient) when using the tbga package with a 1 m/s airflow?

  • Part No.MPC8260EC
    ManufacturerFREESCALE
    Size754 Kbytes
    Pages41 pages
    DescriptionPowerQUICC II Integrated Communications Processor Hardware Specifications
    Datasheet Summary with AI

    1. Device Overview:

    ️· This is documentation for the MPC8260 PowerQUICC II Integrated Communications Processor.

    2. Electrical Characteristics:

    ️· Input Voltages:
    - VIH (standard inputs): 2.0 - 3.465V
    - VIL (standard inputs): GND - 0.8V
    - VIHC (CLKIN): 2.4 - 3.465V
    - VILC (CLKIN): GND - 0.4V
    ️· Input/Output Currents: Ranges specified for various pin types (e.g., data pins, control pins) including:
    - IIN (Input Leakage Current): Max 10 µA
    - IOZ (Hi-Z Leakage Current): Max 10 µA
    - Output High Voltage (VOH): Ranges specified depending on the pin type; important to note differences for UTOPIA mode.
    - Output Low Voltage (VOL): Ranges specified depending on pin type; important to note differences for UTOPIA mode.
    ️· Pin Configuration Notes: Unused pins should be driven to GND or VDDH or configured as outputs to prevent excessive DC current.
    ️· Revision Note: Rev C.2 silicon have slightly different specifications.

    3. Thermal Characteristics:

    ️· Thermal Resistance (θJA): Ranges specified for TBGA package, varying with airflow.
    - Natural Convection (NC): Around 13.071 °C/W
    - Forced Airflow: Values ranging from 7.783°C/W to 9.551°C/W.
    ️· Thermal Calculations: Formulas provided to estimate junction temperature (T<sub>J</sub>) based on ambient temperature (T<sub>A</sub>), power dissipation (P<sub>D</sub>), and thermal resistance (θ<sub>JA</sub>).
    - T<sub>J</sub> = T<sub>A</sub> + (P<sub>D</sub> x θ<sub>JA</sub>)
    - P<sub>D</sub> = P<sub>INT</sub> + P<sub>I/O</sub> (where P<sub>INT</sub> is internal power and P<sub>I/O</sub> is power dissipation on input/output pins)

    1. Device Overview:

    ️· This is documentation for the MPC8260 PowerQUICC II Integrated Communications Processor.

    2. Electrical Characteristics:

    ️· Input Voltages:
    - VIH (standard inputs): 2.0 - 3.465V
    - VIL (standard inputs): GND - 0.8V
    - VIHC (CLKIN): 2.4 - 3.465V
    - VILC (CLKIN): GND - 0.4V
    ️· Input/Output Currents: Ranges specified for various pin types (e.g., data pins, control pins) including:
    - IIN (Input Leakage Current): Max 10 µA
    - IOZ (Hi-Z Leakage Current): Max 10 µA
    - Output High Voltage (VOH): Ranges specified depending on the pin type; important to note differences for UTOPIA mode.
    - Output Low Voltage (VOL): Ranges specified depending on pin type; important to note differences for UTOPIA mode.
    ️· Pin Configuration Notes: Unused pins should be driven to GND or VDDH or configured as outputs to prevent excessive DC current.
    ️· Revision Note: Rev C.2 silicon have slightly different specifications.

    3. Thermal Characteristics:

    ️· Thermal Resistance (θJA): Ranges specified for TBGA package, varying with airflow.
    - Natural Convection (NC): Around 13.071 °C/W
    - Forced Airflow: Values ranging from 7.783°C/W to 9.551°C/W.
    ️· Thermal Calculations: Formulas provided to estimate junction temperature (T<sub>J</sub>) based on ambient temperature (T<sub>A</sub>), power dissipation (P<sub>D</sub>), and thermal resistance (θ<sub>JA</sub>).
    - T<sub>J</sub> = T<sub>A</sub> + (P<sub>D</sub> x θ<sub>JA</sub>)
    - P<sub>D</sub> = P<sub>INT</sub> + P<sub>I/O</sub> (where P<sub>INT</sub> is internal power and P<sub>I/O</sub> is power dissipation on input/output pins)

    Part No.MPC8260EC
    ManufacturerFREESCALE
    Size754 Kbytes
    Pages41 pages
    DescriptionPowerQUICC II Integrated Communications Processor Hardware Specifications