전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TESDO5V0A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TESDO5V0A_15 Datasheet

  • # Example questions: ➢ What is the maximum peak pulse power the tesdo5v0a can withstand, as specified in the documentation?
    ➢ What is the typical junction capacitance of the tesdo5v0a at 0v reverse voltage and 0 mhz frequency?
    ➢ What esd protection levels (in kv) does the tesdo5v0a offer for both air and contact discharge, as stated in the features section?

  • Part No.TESDO5V0A_15
    ManufacturerTSC
    Size331 Kbytes
    Pages5 pages
    DescriptionUltra Low Capacitance ESD Protection Array
    Datasheet Summary with AI

    # TESDO5V0A
    ## Taiwan Semiconductor
    # Ultra Low Capacitance ESD Protection Array

    ️· Meet IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
    ️· Meet IEC61000-4-4 (EFT) rating: 40A (5/50ns)
    ️· Meet IEC61000-4-5 (Lightning) rating: 5A (8/20μs)
    ️· Protects two directional I/O lines
    ️· Working voltage: 5V
    ️· Pb free/RoHS compliant
    ️· Green compound (halogen-free) available ("G" suffix)
    ️· Case: MSOP-10 package
    ️· Weight: 12 ± 0.5 mg
    ️· Marking code: R0544

    ## Electrical Characteristics

    Parameter Symbol Value Unit
    Peak Pulse Power PPP 125 W
    Peak Pulse Current IPP 5 A
    Reverse Stand-Off Voltage VRWM - 5 V
    Reverse Leakage Current IR - 1 μA
    Junction Capacitance CJ 1 pF

    ## Package Dimensions (MSOP-10)

    ️· See datasheet for detailed dimensions (A, B, C, D, E, F) in mm and inches.
    ️· Suggested pad layout provided.

    ## Applications

    ️· High-speed interfaces (HDMI, DisplayPort, MDDI, eSATA)
    ️· ESD protection
    ️· Low capacitance design minimizes signal integrity impact

    ## Notice

    ️· Specifications subject to change
    ️· Not for medical/life-saving applications.

    # TESDO5V0A
    ## Taiwan Semiconductor
    # Ultra Low Capacitance ESD Protection Array

    ️· Meet IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
    ️· Meet IEC61000-4-4 (EFT) rating: 40A (5/50ns)
    ️· Meet IEC61000-4-5 (Lightning) rating: 5A (8/20μs)
    ️· Protects two directional I/O lines
    ️· Working voltage: 5V
    ️· Pb free/RoHS compliant
    ️· Green compound (halogen-free) available ("G" suffix)
    ️· Case: MSOP-10 package
    ️· Weight: 12 ± 0.5 mg
    ️· Marking code: R0544

    ## Electrical Characteristics

    Parameter Symbol Value Unit
    Peak Pulse Power PPP 125 W
    Peak Pulse Current IPP 5 A
    Reverse Stand-Off Voltage VRWM - 5 V
    Reverse Leakage Current IR - 1 μA
    Junction Capacitance CJ 1 pF

    ## Package Dimensions (MSOP-10)

    ️· See datasheet for detailed dimensions (A, B, C, D, E, F) in mm and inches.
    ️· Suggested pad layout provided.

    ## Applications

    ️· High-speed interfaces (HDMI, DisplayPort, MDDI, eSATA)
    ️· ESD protection
    ️· Low capacitance design minimizes signal integrity impact

    ## Notice

    ️· Specifications subject to change
    ️· Not for medical/life-saving applications.

    Part No.TESDO5V0A_15
    ManufacturerTSC
    Size331 Kbytes
    Pages5 pages
    DescriptionUltra Low Capacitance ESD Protection Array