전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TESDO5V0A 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TESDO5V0A
상세설명  Ultra Low Capacitance ESD Protection Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDO5V0A 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TESDO5V0A_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDO5V0A_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDO5V0A_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDO5V0A_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TESDO5V0A_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1501024
Version: B15
TESDO5V0A
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.01
0.1
1
10
0.1
1
10
100
1000
Fig. 1 Non-Repetitive Peak Pulse Power VS. Pulse Time
Pulse Duration (μs)
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (us)
Fig. 2 Pulse Waveform
td = Ipp / 2
0
25
50
75
100
125
150
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(oC)
Fig. 3 Admissible Power Dissipation Curve
0.0
0.2
0.4
0.6
0.8
1.0
012
34
5
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance
f = 1.0 MHz
Waveform parameters:
tr = 8 μs , td = 20 μs
e-1
0
4
8
12
16
20
01
23
45
Peak Pulse Current (A)
Fig. 5 Clamping Voltage VS. Peak Pulse Current
Waveform parameters:
tr = 8 μs , td = 20 μs



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com