| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BB145 Datasheet
# Example questions:
➢ What is the specified storage temperature range for the bb145 diode?
➢ What is the maximum continuous forward current the bb145 diode can handle?
➢ How does the diode capacitance (cd) typically change with varying reverse voltage (vr), as shown in figure 1?
# BB 145 - Low-Voltage Variable Capacitance Diode
## Features
· Ultra-small plastic SMD package
· Capacitance (C4): 3 pF; Ratio: 2.1
· Low series resistance
## Applications
· Voltage Controlled Oscillators (VCO)
## Description
· Planar technology variable capacitance diode in SOD523 (SC-79) package
## Electrical Characteristics (Tj = 25°C unless specified)
· Reverse Current (IR):
- V R = 6 V: ≤ 10 nA (at 25°C)
- V R = 6 V, Tj = 85°C: ≤ 200 nA
· Diode Series Resistance (rs):
- f = 470 MHz, V R = 1 V: ≤ 0.6 Ω
· Diode Capacitance (Cd):
- V R = 1 V, f = 1 MHz: 6.4 - 7.4 pF
- V R = 4 V, f = 1 MHz: 2.75 - 3.25 pF
· Capacitance Ratio:
- f = 1 MHz: 2 (typical)
## Limiting Values
· Reverse Voltage (VR): -6 V
· Peak Reverse Voltage (VRM): -8 V (with 10 kΩ resistor)
· Forward Current (IF): -20 mA
· Storage Temperature (Tstg): -55°C to +150°C
· Junction Temperature (Tj): -55°C to +150°C
## Marking Code
· U
# BB 145 - Low-Voltage Variable Capacitance Diode
## Features
· Ultra-small plastic SMD package
· Capacitance (C4): 3 pF; Ratio: 2.1
· Low series resistance
## Applications
· Voltage Controlled Oscillators (VCO)
## Description
· Planar technology variable capacitance diode in SOD523 (SC-79) package
## Electrical Characteristics (Tj = 25°C unless specified)
· Reverse Current (IR):
- V R = 6 V: ≤ 10 nA (at 25°C)
- V R = 6 V, Tj = 85°C: ≤ 200 nA
· Diode Series Resistance (rs):
- f = 470 MHz, V R = 1 V: ≤ 0.6 Ω
· Diode Capacitance (Cd):
- V R = 1 V, f = 1 MHz: 6.4 - 7.4 pF
- V R = 4 V, f = 1 MHz: 2.75 - 3.25 pF
· Capacitance Ratio:
- f = 1 MHz: 2 (typical)
## Limiting Values
· Reverse Voltage (VR): -6 V
· Peak Reverse Voltage (VRM): -8 V (with 10 kΩ resistor)
· Forward Current (IF): -20 mA
· Storage Temperature (Tstg): -55°C to +150°C
· Junction Temperature (Tj): -55°C to +150°C
## Marking Code
· U
| Part No. | BB145 |
| Manufacturer | LRC |
| Size | 138 Kbytes |
| Pages | 2 pages |
| Description | Low-voltage variable capacitance diode |