전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BB145 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 BB145
상세설명  Low-voltage variable capacitance diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BB145 데이터시트(HTML) 1 Page - Leshan Radio Company

  BB145 Datasheet HTML 1Page - Leshan Radio Company BB145 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
BB145–1/2
Low-voltage variable capacitance diode
SOD523 SC-79
1
2
BB 145
2
ANODE
1
CATHODE
FEATURES
· Ultra small plastic SMD package
· C4: 3 pF; ratio: 2.1
· Low series resistance.
APPLICATIONS
· Voltage controlled oscillators (VCO).
DESCRIPTION
The BB145 is a planar technology variable capacitance diode in a SOD523 (SC-79)
package.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V R
continuous reverse voltage
6
V
V RM
peak reverse voltage
in series with a 10 k
Ω resistor
8
V
I F
continuous forward current
20
mA
T stg
storage temperature
–55
+150
°C
T j
operating junction temperature
–55
+150
°C
ELECTRICAL CHARACTERISTICS T j =25°C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I R
reverse current
V R = 6 V; see Fig.2
10
nA
V R =6 V; T j =85°C; see Fig.2
200
nA
r s
diode series resistance
f = 470 MHz; V R =1 V
0.6
C d
diode capacitance
V R = 1 V; f = 1 MHz;
6.4
7.4
pF
see Figs 1 and 3
V R = 4 V; f = 1 MHz;
2.75
3.25
pF
see Figs 1 and 3
C d ( 1V)
C d ( 4V)
capacitance ratio
f = 1 MHz
2
MARKING CODE:U
1
2


유사한 부품 번호 - BB145

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB145 PHILIPS-BB145 Datasheet
50Kb / 8P
Low-voltage variable capacitance diode
1999 Dec 15
BB145B PHILIPS-BB145B Datasheet
50Kb / 8P
Low-voltage variable capacitance diode
1999 Dec 15
logo
Leshan Radio Company
BB145B LRC-BB145B Datasheet
140Kb / 2P
Low-voltage variable capacitance diode?
logo
NXP Semiconductors
BB145B NXP-BB145B Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BB145B NXP-BB145B Datasheet
136Kb / 7P
Low-voltage variable capacitance diode
2004 Mar 29
More results

유사한 설명 - BB145

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB142 PHILIPS-BB142 Datasheet
44Kb / 8P
Low-voltage variable capacitance diode
1999 May 12
BB156 PHILIPS-BB156 Datasheet
53Kb / 8P
Low-voltage variable capacitance diode
1998 Aug 17
logo
Leshan Radio Company
BB142 LRC-BB142 Datasheet
127Kb / 2P
Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB202 NXP-BB202 Datasheet
227Kb / 6P
Low-voltage variable capacitance diode
Rev. 02-3 January 2008
BB156 NXP-BB156_04 Datasheet
58Kb / 7P
Low-voltage variable capacitance diode
2004 Mar 01
logo
Zhaoxingwei Electronics...
BB156 ZHAOXINGWEI-BB156 Datasheet
45Kb / 1P
Low-Voltage Variable Capacitance Diode
logo
Quanzhou Jinmei Electro...
BB202_N_2015 JMNIC-BB202_N_2015 Datasheet
234Kb / 6P
Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB145B PHILIPS-BB145B_15 Datasheet
137Kb / 7P
Low-voltage variable capacitance diode
2004 Mar 29
logo
Quanzhou Jinmei Electro...
BB145B-01 JMNIC-BB145B-01_15 Datasheet
59Kb / 6P
Low-voltage variable capacitance diode
BB202_N JMNIC-BB202_N_15 Datasheet
234Kb / 6P
Low-voltage variable capacitance diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com