전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WCS2705 Datasheet with Chat AI
Part No.WCS2705
ManufacturerWINSON
Size457 Kbytes
Pages5 pages
DescriptionHall Effect Base Linear Current Sensor
Datasheet Summary with AI

# WCS2705

## Hall Effect Base Linear Current Sensor Features:

· Low noise analog signal path
· 8.3 mΩ internal conductor resistance
· Output voltage proportional to AC and DC current
· Minimum sensing current: 0~5.0A at 5V
· High Sensitivity: 255 mV/A
· Operating Voltage: 3.0~12 V
· Operating Current: 3mA
· Nearly zero magnetic hysteresis
· Ratiometric output
· 10K Hz bandwidth

## Functional Description :

· Designed for DC and AC current sensing in industrial, commercial, and communication systems.
· Applications include motor control, load detection, over-current fault detection, and power management.
· Uses a linear Hall sensor IC with temperature compensation and a low-resistance current path (8.3 mΩ) to reduce power loss.
· Electrically isolated terminals for applications requiring electrical isolation.

## Electrical Characteristics (T=+25˚C, Vdd=5.0V):

Characteristic Symbol Min Typ Max Units
Supply Voltage Vcc 3.0 - 12 V
Supply Current Isupply - 3.5 6.0 mA
Zero Current Vout V0G 2.4 2.5 2.6 V
Primary Conductor Resistance Rprimary - 8.3 -
Sensitivity △Vout 217 255 293 mV/A
Bandwidth BW - 10 - kHz
Measurable Current Range (DC) MCR - ±7.5 - A
Measurable Current Range (AC RMS) MCR - 5 - A
Temperature Drift △Vout - ±0.5 - mV/℃

Notes:

· Output voltage measurements require a voltmeter with ≥100kΩ input impedance.
· Do not load the output pin.

# WCS2705

## Hall Effect Base Linear Current Sensor Features:

· Low noise analog signal path
· 8.3 mΩ internal conductor resistance
· Output voltage proportional to AC and DC current
· Minimum sensing current: 0~5.0A at 5V
· High Sensitivity: 255 mV/A
· Operating Voltage: 3.0~12 V
· Operating Current: 3mA
· Nearly zero magnetic hysteresis
· Ratiometric output
· 10K Hz bandwidth

## Functional Description :

· Designed for DC and AC current sensing in industrial, commercial, and communication systems.
· Applications include motor control, load detection, over-current fault detection, and power management.
· Uses a linear Hall sensor IC with temperature compensation and a low-resistance current path (8.3 mΩ) to reduce power loss.
· Electrically isolated terminals for applications requiring electrical isolation.

## Electrical Characteristics (T=+25˚C, Vdd=5.0V):

Characteristic Symbol Min Typ Max Units
Supply Voltage Vcc 3.0 - 12 V
Supply Current Isupply - 3.5 6.0 mA
Zero Current Vout V0G 2.4 2.5 2.6 V
Primary Conductor Resistance Rprimary - 8.3 -
Sensitivity △Vout 217 255 293 mV/A
Bandwidth BW - 10 - kHz
Measurable Current Range (DC) MCR - ±7.5 - A
Measurable Current Range (AC RMS) MCR - 5 - A
Temperature Drift △Vout - ±0.5 - mV/℃

Notes:

· Output voltage measurements require a voltmeter with ≥100kΩ input impedance.
· Do not load the output pin.

Part No.WCS2705
ManufacturerWINSON
Size457 Kbytes
Pages5 pages
DescriptionHall Effect Base Linear Current Sensor