전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WCS2705 데이터시트(PDF) 1 Page - Winson Semiconductor Corp.

부품명 WCS2705
상세설명  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINSON [Winson Semiconductor Corp.]
홈페이지  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WCS2705 데이터시트(HTML) 1 Page - Winson Semiconductor Corp.

  WCS2705 Datasheet HTML 1Page - Winson Semiconductor Corp. WCS2705 Datasheet HTML 2Page - Winson Semiconductor Corp. WCS2705 Datasheet HTML 3Page - Winson Semiconductor Corp. WCS2705 Datasheet HTML 4Page - Winson Semiconductor Corp. WCS2705 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WCS2705
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/5/27
Hall Effect Base Linear Current Sensor
Features:
 Low noise analog signal path
 8.3 m
Ω internal conductor resistance
 Output voltage proportional to AC and DC current
 Min. sensing current 0~5.0A at 5V voltage supply
 High Sensitivity 255 mV/A
 Wide operating voltage range 3.0~12 V.
 Low operating current 3mA
 Nearly zero magnetic hysteresis.
 Ratiometric output from supply voltage
 10K Hz bandwidth
Functional Description :
The Winson WCS2705 provides economical and precise solution for both
DC and AC current sensing in industrial, commercial and communications
systems. The unique package allows for easy implementation by the customer.
Typical applications include motor control, load detection and management,
over-current fault detection and any intelligent power management system
etc…
The WCS2705 consists of a precise, low-temperature drift linear hall
sensor IC with temperature compensation circuit and a current path with 8.3
m
Ω typical internal conductor resistance. This extremely low resistance can
effectively reduce power loss, operating temperature and increase the
reliability greatly. Applied current flowing through this conduction path
generates a magnetic field which is sensed by the integrated Hall IC and
converted into a proportional voltage.
The terminals of the conductive path are electrically isolated from the
sensor leads. This allow the WCS2705 current sensor to be used in
applications requiring electrical isolation without the use of opto-isolators or
other costly isolation techniques and make system more competitive in cost.


유사한 부품 번호 - WCS2705

제조업체부품명데이터시트상세설명
logo
Winson Semiconductor Co...
WCS2705 WINSON-WCS2705_17 Datasheet
556Kb / 5P
Hall Effect Base Linear Current Sensor
More results

유사한 설명 - WCS2705

제조업체부품명데이터시트상세설명
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS2800 DIWELL-WCS2800 Datasheet
496Kb / 5P
Hall Effect Base Linear Current Sensor
2017/4/19
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
WCS38A25 DIWELL-WCS38A25 Datasheet
794Kb / 5P
Hall Effect Base Linear Current Sensor
2019/5/13
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com