전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CTDD5025DF-30M Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CTDD5025DF-30M Datasheet

  • # Example questions: ➢ What is the typical switching frequency of this dc-dc converter?
    ➢ What is the recommended input voltage range for the 12v output model?
    ➢ What is the maximum allowable temperature rise at full load?

  • Part No.CTDD5025DF-30M
    ManufacturerCT
    Size443 Kbytes
    Pages2 pages
    DescriptionWide Input Isolated
    Datasheet Summary with AI

    1. Overview & General Description:

    ️· Type: Isolated DC-DC converter.
    ️· Series: CTDD5025DF-30M
    ️· Power: 30 Watts
    ️· Application: Designed for various applications (not specifically stated, but suitable for general electronics). Emphasized to have "Industry standard pin out" and "2:1 wide input voltage range."
    ️· Features:
    - Wide input voltage range (specific range varies by model, see output specs)
    - Isolated output
    - Six-sided metal shield
    - SMD (Surface Mount Device) construction
    - Samples available.
    - RoHS compliant.

    2. Electrical Specifications (Typical Values):

    ️· Input Voltage: Varies by model (see output spec table).
    ️· Output Voltage: Available in 3.3V, 5V, 12V, and 15V options.
    ️· Output Power: 30 Watts
    ️· Efficiency: Not explicitly stated.
    ️· Transient Response: 200-500 µs recovery time.
    ️· Peak Deviation: ±5%
    ️· Operating Temperature: -40°C to +85°C.
    ️· Storage Temperature: -55°C to +125°C.
    ️· Isolation:
    - Isolation Voltage: 1500VDC (tested for 1 minute at 1mA)
    - Isolation Resistance: 1000 MΩ (tested at 500VDC)
    - Isolation Capacitance: 1000 pF
    ️· Switching Frequency: 350 kHz
    ️· Ripple and Noise: 50-120 mV (at 20 MHz bandwidth)

    3. Protection Features:

    ️· Over Current Protection: Input Voltage Range at 130-150%
    ️· Short Circuit Protection: Hiccup recovery
    ️· Over Voltage Protection: Specific voltage limits for each output voltage (3.3V, 5V, 12V, 15V – see datasheet).
    ️· Under Voltage Lockout: Specific thresholds for enabling/disabling the converter (see table).

    4. Mechanical Specifications:

    ️· Package: CTDD5025DF-30M
    ️· Dimensions: (Refer to the diagrams)
    - Overall dimensions (approximate) 4.10 x 3.50 inches
    - Metal Base
    ️· Cooling: Free air convection (heat sink may be used)
    ️· Mounting: Not explicitly specified (likely through mounting holes; see diagrams)

    5. Pinout (Standard):

    ️· Pin 1: Vin (Input Voltage)
    ️· Pin 3: GND (Ground)
    ️· Pin 2: Trim (Adjustment)
    ️· Pin 4: 0V
    ️· Pin 5: +Vo (Positive Output Voltage)
    ️· Pin 6: Not Defined.

    6. Key Considerations / Recommendations:

    ️· External Components: The datasheet recommends using input and output filters for optimal performance.
    ️· Thermal Management: Adequate airflow or a heat sink may be needed for high power operation.
    ️· Pin Functionality: The `Trim` pin is for adjusting the output voltage.

    1. Overview & General Description:

    ️· Type: Isolated DC-DC converter.
    ️· Series: CTDD5025DF-30M
    ️· Power: 30 Watts
    ️· Application: Designed for various applications (not specifically stated, but suitable for general electronics). Emphasized to have "Industry standard pin out" and "2:1 wide input voltage range."
    ️· Features:
    - Wide input voltage range (specific range varies by model, see output specs)
    - Isolated output
    - Six-sided metal shield
    - SMD (Surface Mount Device) construction
    - Samples available.
    - RoHS compliant.

    2. Electrical Specifications (Typical Values):

    ️· Input Voltage: Varies by model (see output spec table).
    ️· Output Voltage: Available in 3.3V, 5V, 12V, and 15V options.
    ️· Output Power: 30 Watts
    ️· Efficiency: Not explicitly stated.
    ️· Transient Response: 200-500 µs recovery time.
    ️· Peak Deviation: ±5%
    ️· Operating Temperature: -40°C to +85°C.
    ️· Storage Temperature: -55°C to +125°C.
    ️· Isolation:
    - Isolation Voltage: 1500VDC (tested for 1 minute at 1mA)
    - Isolation Resistance: 1000 MΩ (tested at 500VDC)
    - Isolation Capacitance: 1000 pF
    ️· Switching Frequency: 350 kHz
    ️· Ripple and Noise: 50-120 mV (at 20 MHz bandwidth)

    3. Protection Features:

    ️· Over Current Protection: Input Voltage Range at 130-150%
    ️· Short Circuit Protection: Hiccup recovery
    ️· Over Voltage Protection: Specific voltage limits for each output voltage (3.3V, 5V, 12V, 15V – see datasheet).
    ️· Under Voltage Lockout: Specific thresholds for enabling/disabling the converter (see table).

    4. Mechanical Specifications:

    ️· Package: CTDD5025DF-30M
    ️· Dimensions: (Refer to the diagrams)
    - Overall dimensions (approximate) 4.10 x 3.50 inches
    - Metal Base
    ️· Cooling: Free air convection (heat sink may be used)
    ️· Mounting: Not explicitly specified (likely through mounting holes; see diagrams)

    5. Pinout (Standard):

    ️· Pin 1: Vin (Input Voltage)
    ️· Pin 3: GND (Ground)
    ️· Pin 2: Trim (Adjustment)
    ️· Pin 4: 0V
    ️· Pin 5: +Vo (Positive Output Voltage)
    ️· Pin 6: Not Defined.

    6. Key Considerations / Recommendations:

    ️· External Components: The datasheet recommends using input and output filters for optimal performance.
    ️· Thermal Management: Adequate airflow or a heat sink may be needed for high power operation.
    ️· Pin Functionality: The `Trim` pin is for adjusting the output voltage.

    Part No.CTDD5025DF-30M
    ManufacturerCT
    Size443 Kbytes
    Pages2 pages
    DescriptionWide Input Isolated