전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CTDD5025DF-30M 데이터시트(PDF) 2 Page - Central Technologies

부품명 CTDD5025DF-30M
상세설명  Wide Input Isolated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CT [Central Technologies]
홈페이지  http://www.ctparts.com
Logo CT - Central Technologies

CTDD5025DF-30M 데이터시트(HTML) 2 Page - Central Technologies

  CTDD5025DF-30M Datasheet HTML 1Page - Central Technologies CTDD5025DF-30M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
(Side View)
(Bottom View )
Plastic
Metal
4.10 0.50
[0.161 0.020]
1.00[0.039]
3.50[0.138]
0.50[0.020]
50.80[2.000]
45.72[1.800]
1
2
3
6
5
4
Metal
CTDD5025DF-30M Package
Pin
FOOTP RINT DETAILS
Fu nctio n
1
3
2
4
5
Trim
6
Vin
GND
0V
+Vo
Ctrl
∅1.20 [0.047]
6
5
4
1
2
3
2.54[0.100]
CTDD5025DF-30M Footprint
CTDD5025DF-30M Heat Sink Assembly
31.00Max[1.22 0]
17.50 [0.68 9]
21.80Mi n [0.858 ]
5 0.80 [2.000]
25.40[1.000 ]
Heat sink
Converter
Clamp
Thermal Pad
TEMPERATURE DERATING GRAPH
(Without heat sink)
0
20
40
60
80
100
120
-40
0
40
85
120
50
Safe Operating Area
Operating Temp( C)
(With heat sink)
0
20
40
60
80
100
120
-40
0
40
85
120
60
Safe Operating Area
Operating Temp( C)
08.12.09
CTDD5025DF-30M Series
Wide Input Isolated & Regulated
30W Single Output
DC
DC
Vin
GND
Vout
0V
Ci n
Co u t
Capacitance
Output
Voltage
Cout ( F)
Cin ( F)
3.3(VDC)
470/220
5(VDC)
470/220
12(VDC)
220/100
15(VDC)
220/100
100
RECOMMENDED CIRCUIT & CAPACITANCE
Unit: mm[inch]
Pin diameter tolerances: ±0.10mm [0.004in]
General tolerances: ±0.25mm [±0.010in]
Unit: mm[inch]
Tolerances: ±0.50mm [0.020in]
1. If use of heat sinks, make sure there is
enough space for a specific size in the above
graph.
2. Products will be supplied with heat sinks
already mounted, separate heat sinks are not
available.
In order to obtain better performance for the
DC/DC models, it is recommended to use
input and output filters as shown.
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output unless otherwise specified.
2. Capacitor Max. load tested at nominal input voltage, full load and constant resistive load.
3. Only typical model listed. Non-standard models will be different from the above, please contact us for more details.
4. In this datasheet, all the test methods of indications are based on corporate standards.
The CTRL control pin voltage is referenced to GND



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com