전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDA060B-48VB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PDA060B-48VB Datasheet

  • # Example questions: ➢ What is the operating temperature range for this led driver?
    ➢ What is the maximum allowable leakage current for this led driver?
    ➢ What color wire should be used for the output positive connection?

  • Part No.PDA060B-48VB
    ManufacturerPHIHONG
    Size204 Kbytes
    Pages3 pages
    Description60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
    Datasheet Summary with AI

    # 60W Constant Voltage LED Driver PDA060B

    ## Features
    · Class 2 per UL1310
    · IP67 Waterproof
    · OVP, OCP, Overload & Short-Circuit Protection
    · Power Factor Correction: >0.9
    · THD <20%
    · UL 8750 Compliant
    · 5 Year Warranty

    ## Applications
    · Downlights
    · Area Lights
    · Architectural Lighting

    ## Mechanical Characteristics
    · Length: 162.5mm (6.39in)
    · Width: 43mm (1.69in)
    · Height: 32mm (1.26in)
    · Weight: 342g (12.1oz)

    ## Input Specifications
    · AC Input Voltage: 120VAC - 277VAC
    · AC Input Frequency: 47-63Hz
    · Max Input Current: ≤ 0.9A
    · Leakage Current: 0.25mA max

    ## Output Specifications
    · PDA060B-24VB: 24V, 0-2.5A, 60W
    · PDA060B-48VB: 48V, 0-1.25A, 60W
    · Output Ripple: ≤8% (p-p)
    · Efficiency: 89% (24V), 91% (48V)

    ## Environmental
    · Operating Temperature: -40 to +50°C
    · Non-Operating Temperature: -40 to +80°C
    · Operating Humidity: 20-95%

    ## Protection
    · Short-Circuit: Auto-restart
    · Input Overcurrent: 2A/300V fuse
    · Output Overvoltage: Latching, auto shutdown

    ## Wiring
    · Input: Black/White AWG16 Solid Wire
    · Output: Red/Blue AWG18 Solid Wire

    ## Safety & Compliance
    · Pending cUL/UL Approval
    · EMC: FCC 47 Part 18 Class B
    · Immunity: IEC61000-4-2, IEC61000-4-4, IEC61000-4-5, IEC61000-4-11
    · Dielectric Withstand: 3000VAC/1min
    · Insulation Resistance: >10M Ohm 500VDC/1min

    # 60W Constant Voltage LED Driver PDA060B

    ## Features
    · Class 2 per UL1310
    · IP67 Waterproof
    · OVP, OCP, Overload & Short-Circuit Protection
    · Power Factor Correction: >0.9
    · THD <20%
    · UL 8750 Compliant
    · 5 Year Warranty

    ## Applications
    · Downlights
    · Area Lights
    · Architectural Lighting

    ## Mechanical Characteristics
    · Length: 162.5mm (6.39in)
    · Width: 43mm (1.69in)
    · Height: 32mm (1.26in)
    · Weight: 342g (12.1oz)

    ## Input Specifications
    · AC Input Voltage: 120VAC - 277VAC
    · AC Input Frequency: 47-63Hz
    · Max Input Current: ≤ 0.9A
    · Leakage Current: 0.25mA max

    ## Output Specifications
    · PDA060B-24VB: 24V, 0-2.5A, 60W
    · PDA060B-48VB: 48V, 0-1.25A, 60W
    · Output Ripple: ≤8% (p-p)
    · Efficiency: 89% (24V), 91% (48V)

    ## Environmental
    · Operating Temperature: -40 to +50°C
    · Non-Operating Temperature: -40 to +80°C
    · Operating Humidity: 20-95%

    ## Protection
    · Short-Circuit: Auto-restart
    · Input Overcurrent: 2A/300V fuse
    · Output Overvoltage: Latching, auto shutdown

    ## Wiring
    · Input: Black/White AWG16 Solid Wire
    · Output: Red/Blue AWG18 Solid Wire

    ## Safety & Compliance
    · Pending cUL/UL Approval
    · EMC: FCC 47 Part 18 Class B
    · Immunity: IEC61000-4-2, IEC61000-4-4, IEC61000-4-5, IEC61000-4-11
    · Dielectric Withstand: 3000VAC/1min
    · Insulation Resistance: >10M Ohm 500VDC/1min

    Part No.PDA060B-48VB
    ManufacturerPHIHONG
    Size204 Kbytes
    Pages3 pages
    Description60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming