전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDA060B-48VB 데이터시트(PDF) 3 Page - Phihong USA Inc.

부품명 PDA060B-48VB
상세설명  60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHIHONG [Phihong USA Inc.]
홈페이지  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA060B-48VB 데이터시트(HTML) 3 Page - Phihong USA Inc.

  PDA060B-48VB Datasheet HTML 1Page - Phihong USA Inc. PDA060B-48VB Datasheet HTML 2Page - Phihong USA Inc. PDA060B-48VB Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PDA060B Dimension Diagram unit:mm
WWW.PHIHONG.COM
Power Factor vs. Load
Total Harmonic Distortion vs. Load
Lifetime vs. Tc
Derating Curve: Load vs. Ta (PDA060B-48VB)
Temperature Rating
Static Characteristic: Load vs. Input Voltage
Efficiency vs. Load
Typical Characteristics



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com