전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT54BS3245 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about UT54BS3245 Datasheet

  • # Example questions: ➢ What lead finish options are available, and what happens if 'x' is specified?
    ➢ What is the typical propagation delay (tpd) through the ut54bs3245 when switching a current of +/- 30ma at a supply voltage of 5.0v?
    ➢ What does 'qml class q' signify in the ordering information for the smd version, and what temperature range does the ut54bs3245 operate in when specified with this class?

  • Part No.UT54BS3245
    ManufacturerAEROFLEX
    Size328 Kbytes
    Pages11 pages
    DescriptionProvides cold-sparing capability without the need for actual cold-sparing multiplexer inputs
    Datasheet Summary with AI

    1. Product Overview

    ️· Product: UT54BS3245 – An 8x1 Bus Switch Analog. This is a device that can selectively connect two sets of 8 signals (A and B) based on the control signal. It's specifically designed for analog signals, indicating a focus on signal integrity and low on-resistance.
    ️· Functionality: It allows routing of analog signals between two buses, essentially acting as a switch to direct the signals.

    2. Key Features and Specifications

    ️· Analog Bus Switching: Designed for routing analog signals.
    ️· Temperature Range: (Varies based on ordering/screening - see ordering information)
    - Standard: Potentially 25°C only (Prototype flow)
    - HiRel: -55°C to +125°C
    ️· Radiation Tolerance: Some ordering options include radiation tolerance (e.g., 1E5 rads(Si) or 3E5 rads(Si)). However, radiation testing isn't guaranteed for all configurations.
    ️· Propagation Delay:
    - tPD30 (A or B to B or A): ~500ps (VDD = 5.0V) and ~1ns (VDD = 3.3V)
    - tPD15: ~650ps (VDD = 5.0V) and ~1.3ns (VDD = 3.3V)
    ️· Enable/Disable Times: tEN and tDIS are in the range of 1-8 nanoseconds.
    ️· Switch On Resistance (RON): Approximately 5-6 ohms (VDD = 3.0V) and < 10 ohms (VDD = 4.5V).
    ️· Isolation: -60dB at 1MHz.
    ️· Cross Talk: -60dB at 1MHz.

    3. Electrical Characteristics (Important Values)

    ️· Supply Voltage: Not explicitly stated. However, different VDD values are specified for the AC characteristics (5.0V and 3.3V).
    ️· Input Voltage: Centered at VDD/2 for isolation and crosstalk measurements.
    ️· Output Current: +/- 30mA is specified as a condition for measuring propagation delay.

    4. Ordering Information

    ️· Package Options:
    - 20-lead Ceramic Flatpack (most common)
    - SMD (Surface Mount Device) - 20-lead ceramic bottom-brazed Flatpack
    ️· Lead Finish:
    - A (Solder Dip)
    - C (Gold)
    - X (Factory option - gold or solder)
    ️· Screening/Quality Level:
    - Prototype flow (+25°C only)
    - HiRel flow (-55°C to +125°C)
    ️· QML Classification
    - Q (Class Q)
    - V (Class V)

    5. Mechanical Data

    ️· Figure 6 shows a 20-lead ceramic flatpack. Specific dimensions and weights are not provided, but would be in a separate mechanical drawing.

    6. Figures and Diagrams

    ️· Figure 3: Output Test Load Circuit
    ️· Figure 4: Propagation Waveform
    ️· Figure 5: Propagation Waveform
    ️· Figure 6: 20-lead Ceramic Flatpack

    CRUCIAL NOTES AND WARNINGS:

    ️· Advanced/Preliminary Datasheet: This is *not* a final, production datasheet. Specifications may change. This is for product development and evaluation purposes.
    ️· Controlled Export: This product is subject to U.S. Export Control regulations. An export license may be required.
    ️· Radiation Guarantee: Radiation tolerance is *not* guaranteed for all configurations. Check specific ordering information.
    ️· Temperature Range: The operating temperature range is highly dependent on the selected screening/quality level.
    ️· Lack of Specific Details: Several key details, such as supply voltage and precise mechanical dimensions, are not provided in this datasheet.
    ️· Datasheet Definition: The "Advanced Datasheet - Product In Development" notation and the "Datasheet Definition" section at the end indicate this is a work-in-progress.



    This summary should give you a good overview of the UT54BS3245. However, always refer to the official, final datasheet from Aeroflex (now part of Microchip Technology) for the most accurate and up-to-date information before using this product in any application. You can likely find the latest version on the Microchip website.

    1. Product Overview

    ️· Product: UT54BS3245 – An 8x1 Bus Switch Analog. This is a device that can selectively connect two sets of 8 signals (A and B) based on the control signal. It's specifically designed for analog signals, indicating a focus on signal integrity and low on-resistance.
    ️· Functionality: It allows routing of analog signals between two buses, essentially acting as a switch to direct the signals.

    2. Key Features and Specifications

    ️· Analog Bus Switching: Designed for routing analog signals.
    ️· Temperature Range: (Varies based on ordering/screening - see ordering information)
    - Standard: Potentially 25°C only (Prototype flow)
    - HiRel: -55°C to +125°C
    ️· Radiation Tolerance: Some ordering options include radiation tolerance (e.g., 1E5 rads(Si) or 3E5 rads(Si)). However, radiation testing isn't guaranteed for all configurations.
    ️· Propagation Delay:
    - tPD30 (A or B to B or A): ~500ps (VDD = 5.0V) and ~1ns (VDD = 3.3V)
    - tPD15: ~650ps (VDD = 5.0V) and ~1.3ns (VDD = 3.3V)
    ️· Enable/Disable Times: tEN and tDIS are in the range of 1-8 nanoseconds.
    ️· Switch On Resistance (RON): Approximately 5-6 ohms (VDD = 3.0V) and < 10 ohms (VDD = 4.5V).
    ️· Isolation: -60dB at 1MHz.
    ️· Cross Talk: -60dB at 1MHz.

    3. Electrical Characteristics (Important Values)

    ️· Supply Voltage: Not explicitly stated. However, different VDD values are specified for the AC characteristics (5.0V and 3.3V).
    ️· Input Voltage: Centered at VDD/2 for isolation and crosstalk measurements.
    ️· Output Current: +/- 30mA is specified as a condition for measuring propagation delay.

    4. Ordering Information

    ️· Package Options:
    - 20-lead Ceramic Flatpack (most common)
    - SMD (Surface Mount Device) - 20-lead ceramic bottom-brazed Flatpack
    ️· Lead Finish:
    - A (Solder Dip)
    - C (Gold)
    - X (Factory option - gold or solder)
    ️· Screening/Quality Level:
    - Prototype flow (+25°C only)
    - HiRel flow (-55°C to +125°C)
    ️· QML Classification
    - Q (Class Q)
    - V (Class V)

    5. Mechanical Data

    ️· Figure 6 shows a 20-lead ceramic flatpack. Specific dimensions and weights are not provided, but would be in a separate mechanical drawing.

    6. Figures and Diagrams

    ️· Figure 3: Output Test Load Circuit
    ️· Figure 4: Propagation Waveform
    ️· Figure 5: Propagation Waveform
    ️· Figure 6: 20-lead Ceramic Flatpack

    CRUCIAL NOTES AND WARNINGS:

    ️· Advanced/Preliminary Datasheet: This is *not* a final, production datasheet. Specifications may change. This is for product development and evaluation purposes.
    ️· Controlled Export: This product is subject to U.S. Export Control regulations. An export license may be required.
    ️· Radiation Guarantee: Radiation tolerance is *not* guaranteed for all configurations. Check specific ordering information.
    ️· Temperature Range: The operating temperature range is highly dependent on the selected screening/quality level.
    ️· Lack of Specific Details: Several key details, such as supply voltage and precise mechanical dimensions, are not provided in this datasheet.
    ️· Datasheet Definition: The "Advanced Datasheet - Product In Development" notation and the "Datasheet Definition" section at the end indicate this is a work-in-progress.



    This summary should give you a good overview of the UT54BS3245. However, always refer to the official, final datasheet from Aeroflex (now part of Microchip Technology) for the most accurate and up-to-date information before using this product in any application. You can likely find the latest version on the Microchip website.

    Part No.UT54BS3245
    ManufacturerAEROFLEX
    Size328 Kbytes
    Pages11 pages
    DescriptionProvides cold-sparing capability without the need for actual cold-sparing multiplexer inputs