전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT54BS3245 데이터시트(PDF) 5 Page - Aeroflex Circuit Technology

부품명 UT54BS3245
상세설명  Provides cold-sparing capability without the need for actual cold-sparing multiplexer inputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS3245 데이터시트(HTML) 5 Page - Aeroflex Circuit Technology

  UT54BS3245 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
36-00-03-004
Ver. 1.0.0
5
Aeroflex Microelectronics Solutions - HiRel
Symbol
Parameter
Condition
MIN
MAX
Unit
RON(Flat)
1,2
Switch On Resistance
VDD=3.0V,4.5V
VI = VDD
IO = -30mA
IO = -15mA
5
6
Notes:
*
For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation
performance is guaranteed at 25°C per MIL-STD-883 Method 1019, Condition A up to the
maximum TID level procured.
1. Measured by the voltage drop between the A and B terminals at the indicated current through
the switch. On-state resistance is determined by the lowest voltage of the two (A or B)
terminals.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com