| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SI4362-C Datasheet
# Example questions:
➢ What is the rx sensitivity at 169 mhz for a data rate of 40 kbps with gfsk modulation and a bt of 0.5?
➢ What frequency range does the receiver operate within, as indicated in table 3?
➢ Table 3 lists several notes. what is the significance of note 2 regarding the per tests?
Okay, here's a summary of the provided text, focusing on the key information and its organization.
Document Type: Datasheet Excerpt (likely for the Silabs Si4362 Radio Transceiver)
Content: The excerpt presents electrical characteristics of the Si4362 radio transceiver, specifically for the *Receiver* side. It's organized into tables detailing performance specifications.
Key Tables & Specifications:
️· Table 3: Receiver AC Electrical Characteristics: This is the core of the excerpt. It contains information about:
- RX Frequency Range: The receiver operates across multiple frequency bands: 850-1050 MHz, 350-525 MHz, 284-350 MHz, and 142-175 MHz.
- RX Sensitivity (PRX): This is the critical metric, showing how weak a signal the receiver can reliably detect. Sensitivity is given for various data rates (from 0.5 kbps to 1 Mbps) and modulation schemes (GFSK, 4GFSK, OOK). Values are expressed in dBm.
️· Notes: Important clarifications and test conditions are provided as footnotes (\[1], \[2]). These specify the conditions under which the specifications were measured (e.g., temperature, supply voltage, data sequences used).
Overall Focus: The document provides essential performance metrics for engineers designing systems using the Si4362. The receiver sensitivity data is crucial for link budget calculations (determining the range and reliability of a wireless connection).
Important notes from the document:
️· All values are guaranteed across the operating temperature range of -40 to +85°C, and supply voltages.
️· Data is valid when operating at 3.3V.
️· PER and BER values are measured under specific tests using PN9 data sequences.
Let me know if you'd like me to:
️· Elaborate on any specific table or specification.
️· Compare the Si4362 characteristics to another radio transceiver.
️· Explain any of the technical terms (dBm, BER, PER, GFSK, OOK, etc.).
Document Type: Datasheet Excerpt (likely for the Silabs Si4362 Radio Transceiver)
Content: The excerpt presents electrical characteristics of the Si4362 radio transceiver, specifically for the *Receiver* side. It's organized into tables detailing performance specifications.
Key Tables & Specifications:
️· Table 3: Receiver AC Electrical Characteristics: This is the core of the excerpt. It contains information about:
- RX Frequency Range: The receiver operates across multiple frequency bands: 850-1050 MHz, 350-525 MHz, 284-350 MHz, and 142-175 MHz.
- RX Sensitivity (PRX): This is the critical metric, showing how weak a signal the receiver can reliably detect. Sensitivity is given for various data rates (from 0.5 kbps to 1 Mbps) and modulation schemes (GFSK, 4GFSK, OOK). Values are expressed in dBm.
️· Notes: Important clarifications and test conditions are provided as footnotes (\[1], \[2]). These specify the conditions under which the specifications were measured (e.g., temperature, supply voltage, data sequences used).
Overall Focus: The document provides essential performance metrics for engineers designing systems using the Si4362. The receiver sensitivity data is crucial for link budget calculations (determining the range and reliability of a wireless connection).
Important notes from the document:
️· All values are guaranteed across the operating temperature range of -40 to +85°C, and supply voltages.
️· Data is valid when operating at 3.3V.
️· PER and BER values are measured under specific tests using PN9 data sequences.
️· Elaborate on any specific table or specification.
️· Compare the Si4362 characteristics to another radio transceiver.
️· Explain any of the technical terms (dBm, BER, PER, GFSK, OOK, etc.).
| Part No. | SI4362-C |
| Manufacturer | SILABS |
| Size | 1Mb |
| Pages | 44 pages |
| Description | Remote control |