전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4362-C 데이터시트 (PDF) - Silicon Laboratories

SI4362-C Datasheet PDF - Silicon Laboratories
부품명 SI4362-C
다운로드  SI4362-C 다운로드
파일 크기   1601.4 Kbytes
페이지   44 Pages
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories
상세설명 Remote control

SI4362-C Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SI4362-C Datasheet PDF - Silicon Laboratories

부품명 SI4362-C
다운로드  SI4362-C Click to download

파일 크기   1601.4 Kbytes
페이지   44 Pages
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories
상세설명 Remote control

SI4362-C 데이터시트 (HTML) - Silicon Laboratories


SI4362-C 제품 세부 정보

Description
Silicon Labs Si4362 devices are high-performance, low-current receivers covering the sub-GHz frequency bands from 142 to 1050 MHz. The radios are part of the EZRadioPRO® family, which includes a complete line of transmitters, receivers, and transceivers covering a wide range of applications. All parts offer outstanding sensitivity of –129 dBm while achieving extremely low active and standby current consumption. The 69 dB adjacent channel selectivity with 12.5 kHz channel spacing ensures robust receive operation in harsh RF conditions, which is particularly important for narrowband operation. RX current of 10 mA coupled with extremely low standby current and fast wake times ensure extended battery life in the most demanding applications.

Features
■ Frequency range = 142–1050 MHz
■ Receive sensitivity = –129 dBm
■ Modulation
    •(G)FSK, 4(G)FSK, (G)MSK
    • OOK
■ Low active power consumption
    •10/13 mA RX
■ Ultra low current powerdown modes
    • 30 nA shutdown, 40 nA standby
■ Preamble Sense Mode
    • 6 mA average Rx current at 1.2 kbs
■ Fast preamble detection
    • 1 byte preamble detection
■ Data rate = 100 bps to 1 Mbps
■ Fast wake and hop times
■ Power supply = 1.8 to 3.8 V
■ Excellent selectivity performance
    • 69 dB adjacent channel
    • 79 dB blocking at 1 MHz
■ Antenna diversity and T/R switch control
■ Highly configurable packet handler
■ RX 129 byte FIFO
■ Auto frequency control (AFC)
■ Automatic gain control (AGC)
■ Low BOM
■ Low battery detector
■ Temperature sensor
■ 20-Pin QFN package
■ IEEE 802.15.4g and WMBus compliant
■ Suitable FCC Part 90 Mask D, FCC part 15.247,15,231, 15,249, ARIB T-108, T-96, T-67,RCR STD-30, China regulatory, ETSI EN 300 220, ETSI Category 1 Operation

Applications
■ Smart metering (802.15.4g and MBus)
■ Remote control
■ Home security and alarm
■ Telemetry
■ Garage and gate openers
■ Remote keyless entry
■ Home automation
■ Industrial control
■ Sensor networks
■ Health monitors
■ Electronic shelf labels




유사한 부품 번호 - SI4362-C

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4362-C2A-GM SILABS-SI4362-C2A-GM Datasheet
1Mb / 44P
HIGH-PERFORMANCE, LOW-CURRENT RECEIVER
Rev 1.0
More results


유사한 설명 - SI4362-C

제조업체부품명데이터시트상세설명
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
Remote Control Encoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
Remote Control Decoder?
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
Fan Remote Control
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
Remote-Control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
logo
Silicon Laboratories
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
Remote control
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
Remote control
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com