전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SUT6.3X32PIGTAIL 데이터시트 (PDF) - Schurter Inc.

SUT6.3X32PIGTAIL Datasheet PDF - Schurter Inc.
부품명 SUT6.3X32PIGTAIL
다운로드  SUT6.3X32PIGTAIL 다운로드
파일 크기   244.84 Kbytes
페이지   3 Pages
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
상세설명 Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A

SUT6.3X32PIGTAIL Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SUT6.3X32PIGTAIL Datasheet PDF - Schurter Inc.

부품명 SUT6.3X32PIGTAIL
다운로드  SUT6.3X32PIGTAIL Click to download

파일 크기   244.84 Kbytes
페이지   3 Pages
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
상세설명 Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A

SUT6.3X32PIGTAIL 데이터시트 (HTML) - Schurter Inc.




유사한 부품 번호 - SUT6.3X32PIGTAIL

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
SUT6.3X32PIGTAIL SCHURTER-SUT6.3X32PIGTAIL Datasheet
285Kb / 3P
Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
04.01.2022
SUT6.3X32PIGTAIL SCHURTER-SUT6.3X32PIGTAIL_V01 Datasheet
285Kb / 3P
Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
04.01.2022
More results


유사한 설명 - SUT6.3X32PIGTAIL

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
CQP SCHURTER-CQP Datasheet
211Kb / 1P
Clip, 6.3x32 mm, 30 A, BeCu
SUT6.3X32 SCHURTER-SUT6.3X32 Datasheet
408Kb / 2P
Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
80200603 SCHURTER-80200603 Datasheet
408Kb / 2P
Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
80200603PT SCHURTER-80200603PT Datasheet
413Kb / 2P
Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
8020.5068.PT SCHURTER-8020.5068.PT Datasheet
255Kb / 3P
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
SHF6.3X32PIGTAIL SCHURTER-SHF6.3X32PIGTAIL Datasheet
258Kb / 3P
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
SUT6.3X32 SCHURTER-SUT6.3X32_18 Datasheet
241Kb / 3P
Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
6.3X32PIGTAIL SCHURTER-6.3X32PIGTAIL_V01 Datasheet
266Kb / 3P
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity ??500 A
04.01.2022
SHT6.3X32PIGTAIL SCHURTER-SHT6.3X32PIGTAIL Datasheet
317Kb / 4P
Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A
04.01.2022
SUT6.3X32PIGTAIL SCHURTER-SUT6.3X32PIGTAIL_V01 Datasheet
285Kb / 3P
Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
04.01.2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com