전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE3094 데이터시트 (PDF) - NTE Electronics

NTE3094 Datasheet PDF - NTE Electronics
부품명 NTE3094
다운로드  NTE3094 다운로드
파일 크기   29.92 Kbytes
페이지   3 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Optoisolator Dual, High Speed, Open Collector NAND Gate

NTE3094 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTE3094 Datasheet PDF - NTE Electronics

부품명 NTE3094
다운로드  NTE3094 Click to download

파일 크기   29.92 Kbytes
페이지   3 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Optoisolator Dual, High Speed, Open Collector NAND Gate

NTE3094 데이터시트 (HTML) - NTE Electronics


NTE3094 제품 세부 정보

Description:
The NTE3094 consists of a pair of inverting optically coupled gates each with a GaAsP emitting diode and a unique integrated detector. The photons are collected in the detector by a photodiode and then amplified by a high gain linear amplifier that drives a Schottky clamped open collector output transistor. each circuit is temperature, current and voltage compensated.
This unique isolator design provides maximum DC and AC circuit isolation between input and output while achieving LSTTL/TTL circuit compatibility. The isolator operational parameters are guaranteed from 0° to +70°C, such that a minimum input current of 5mA will sink an eight gate fan–out (13mA) at the output with 5 volt VCC applied to the detector. This isolation and coupling is achieved with a typical propagation delay of 57ns.

Features:
● LSTTL/TTL Compatible: 5V Supply
● Ultra High Speed
● Low Input Current Required
● High Common Mode Rejection
● 3000V DC Withstand Test Voltage
● Typical Data Rate 10M/Bit(s)




유사한 부품 번호 - NTE3094

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE309 NTE-NTE309 Datasheet
24Kb / 2P
Integrted Circuit Voltage Regulator
NTE3090 NTE-NTE3090 Datasheet
22Kb / 2P
Optoisolator Schmitt Trigger Output
NTE3091 NTE-NTE3091 Datasheet
20Kb / 2P
Optoisolator SCR Output
NTE3092 NTE-NTE3092 Datasheet
25Kb / 3P
Optoisolator Open Collector, NPN Transistor Output
NTE3093 NTE-NTE3093 Datasheet
29Kb / 3P
Optoisolator NPN Split Darlington Output
More results


유사한 설명 - NTE3094

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE3087 NTE-NTE3087 Datasheet
25Kb / 3P
Optoisolator High Speed, Open Collector, NAND Gate Output
NTE3092 NTE-NTE3092 Datasheet
25Kb / 3P
Optoisolator Open Collector, NPN Transistor Output
logo
Fairchild Semiconductor
DM74ALS03B FAIRCHILD-DM74ALS03B Datasheet
48Kb / 4P
Quad 2-Input NAND Gate with Open Collector Outputs
DM74LS26 FAIRCHILD-DM74LS26 Datasheet
48Kb / 4P
Quad 2-Input NAND Gate with High Voltage Open-Collector Outputs
DM74S03 FAIRCHILD-DM74S03 Datasheet
31Kb / 3P
Quad 2-Input NAND Gate with Open-Collector Outputs
logo
National Semiconductor ...
54LS22 NSC-54LS22 Datasheet
50Kb / 3P
DUAL 4-INPUT NAND GATE (WITH OPEN-COLLECTOR OUTPUT)
logo
Integral Corp.
IN74AC20 INTEGRAL-IN74AC20 Datasheet
143Kb / 4P
DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS
logo
Motorola, Inc
MC5403L MOTOROLA-MC5403L Datasheet
204Kb / 2P
QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
logo
STMicroelectronics
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
logo
NXP Semiconductors
74LVC2G38 NXP-74LVC2G38 Datasheet
102Kb / 16P
Dual 2-input NAND gate; open drain
Rev. 07-20 March 2009
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com