전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE353 데이터시트 (PDF) - NTE Electronics

NTE353 Datasheet PDF - NTE Electronics
부품명 NTE353
다운로드  NTE353 다운로드
파일 크기   20.21 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz

NTE353 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTE353 Datasheet PDF - NTE Electronics

부품명 NTE353
다운로드  NTE353 Click to download

파일 크기   20.21 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz

NTE353 데이터시트 (HTML) - NTE Electronics


NTE353 제품 세부 정보

Description:
The NTE353 is designed for 12.5 Volt VHF large–signal amplifier applications required in military and industrial equipment operating to 250MHz.

Features:
● Balanced Emitter Construction with Isothermal Resistor Design to Provide the Designer with the Optimum in Transistor Ruggedness.
● Low lead Inductance Stripline Packaging for Easier Design and Increased Broadband Capabilities
● Flange Package for Easy Mounting and Better Thermal Conductivity to Heat Sink.
● Exceptional Power Output Stability versus Temperature.




유사한 부품 번호 - NTE353

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE350 NTE-NTE350 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE350F NTE-NTE350F Datasheet
75Kb / 2P
Silicon NPN Transistor RF Power AMP
NTE351 NTE-NTE351 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE352 NTE-NTE352 Datasheet
20Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
More results


유사한 설명 - NTE353

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE16002 NTE-NTE16002 Datasheet
23Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 13.5W, 175MHz
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE472 NTE-NTE472 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output PO = 1.8W @ 175MHz
NTE478 NTE-NTE478 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output, PO = 100W @ 175MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com