전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE952 데이터시트 (PDF) - NTE Electronics

NTE952 Datasheet PDF - NTE Electronics
부품명 NTE952
다운로드  NTE952 다운로드
파일 크기   20.07 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Precision 2.5V Shunt

NTE952 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTE952 Datasheet PDF - NTE Electronics

부품명 NTE952
다운로드  NTE952 Click to download

파일 크기   20.07 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Integrated Circuit Precision 2.5V Shunt

NTE952 데이터시트 (HTML) - NTE Electronics


NTE952 제품 세부 정보

Description:
The NTE952 integrated circuit is a precision 2.5V shunt regulator diode. This monolithic IC voltage reference operates as a low temperature coefficient 2.5V zener with 0.2Ω dynamic impedance.
This device is rated for operation over a 0° to +70°C temperature range and is available in a TO–92 package.

Features:
• Low Temperature Coefficient
• Wide Operating Current of 300µA to 10mA
• 0.2Ω Dynamic Impedance
• ±1% Initial Tolerance Available
• Guaranteed Temperature Stability
• Easily Trimmed for Minimum Temperature Drift
• Fast Turn–On




유사한 부품 번호 - NTE952

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE951 NTE-NTE951 Datasheet
27Kb / 3P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
NTE955 NTE-NTE955 Datasheet
28Kb / 4P
Integrated Circuit Timing Circuit
NTE955 NTE-NTE955 Datasheet
43Kb / 5P
Integrated Circuit CMOS Timing Circuit
More results


유사한 설명 - NTE952

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE999 NTE-NTE999 Datasheet
22Kb / 2P
Integrated Circuit Adjustable Precision Shunt Regulator
logo
Sipex Corporation
SPX3431 SIPEX-SPX3431 Datasheet
140Kb / 5P
Micropower 2.5V Precision Adjustable Shunt Regulator
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
logo
Zarlink Semiconductor I...
DS3894 ZARLINK-DS3894 Datasheet
168Kb / 5P
PRECISION SERVO INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
logo
General Electric Compan...
ZN409CE GEC-ZN409CE Datasheet
32Kb / 5P
PRECISION SERVO INTEGRATED CIRCUIT
logo
Gamma Microelectronics ...
GM431 GAMMA-GM431_08 Datasheet
202Kb / 11P
2.5V ADJUSTABLE SHUNT REGULATOR
logo
Texas Instruments
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
Feeling Technology Corp...
FP115 FEELING-FP115 Datasheet
271Kb / 9P
Dual OPA Circuit with Precision Shunt Regulator
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com