| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
0797580005
|
42Kb / 1P |
Pre-Crimped Lead Mini-Fit Male-to-Mini-Fit Male Tin Plated, 150mm, 18 AWG
|
|
0797582025
|
43Kb / 1P |
Pre-Crimped Lead .062" Male-to-.062" Male, 150mm, 22 AWG
|
|
0797582029
|
43Kb / 1P |
Pre-Crimped Lead MLX Male-to-MLX Male, 150mm, 18 AWG
|
|
0797582030
|
43Kb / 1P |
Pre-Crimped Lead MLX Male-to-MLX Male, 300mm, 18 AWG
|
|
0797582034
|
45Kb / 1P |
Pre-Crimped Lead .093
|
|
0797582035
|
43Kb / 1P |
Pre-Crimped Lead .093
|
|
0797582036
|
43Kb / 1P |
Pre-Crimped Lead .093 Female-to-.093
|
|
0797582041
|
43Kb / 1P |
Pre-Crimped Lead Sabre Male-to-Sabre Male, 150mm, 16 AWG
|
|
0797582055
|
40Kb / 1P |
Pre-Crimped Lead ValuSeal Male-to-ValuSeal Male, 150.00mm, 18 AWG
|
|
0797582056
|
40Kb / 1P |
Pre-Crimped Lead ValuSeal Male-to-ValuSeal Male, 300.00mm, 18 AWG
|