| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Seiko Instruments Inc |
S25A080A
|
518Kb / 33P |
FOR AUTOMOTIVE 125째C OPERATION
|
 Kemet Corporation |
VK103MM151R002P050
|
1Mb / 13P |
VK Series Dual Function Low Voltage Automotive Grade125째C
|
 ABLIC Inc. |
S-25A010A
|
524Kb / 35P |
FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02 |
|
S-25A080A
|
525Kb / 33P |
FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02 |
|
S-25A128B
|
450Kb / 26P |
FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.3_02 |
|
S-25A640A
|
516Kb / 32P |
FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.3.2_02 |
|
S-19243XXXA
|
1Mb / 74P |
AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19244XXXA
|
1Mb / 68P |
AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19311
|
647Kb / 38P |
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00 |
|
S-19312
|
641Kb / 38P |
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00 |