전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM14R 데이터시트 (PDF) - EUROQUARTZ limited

HM14R Datasheet PDF - EUROQUARTZ limited
부품명 HM14R
다운로드  HM14R 다운로드
파일 크기   267.61 Kbytes
페이지   2 Pages
제조업체  EUROQUARTZ [EUROQUARTZ limited]
홈페이지  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
상세설명 Low EMI Oscillator 14 pin Dual-in-Line

HM14R Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
HM14R Datasheet PDF - EUROQUARTZ limited

부품명 HM14R
다운로드  HM14R Click to download

파일 크기   267.61 Kbytes
페이지   2 Pages
제조업체  EUROQUARTZ [EUROQUARTZ limited]
홈페이지  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
상세설명 Low EMI Oscillator 14 pin Dual-in-Line

HM14R 데이터시트 (HTML) - EUROQUARTZ limited


HM14R 제품 세부 정보

DESCRIPTION
EQHM14 series low EMI oscillators can reduce system EMI by 15dB. The oscillators are a ‘drop-in’ replacement for standard oscillators. EMI reduction is achieved by the use of Spread Spectrum Technology whereby the mode energy is spread over a wider bandwidth. The modulation carrier frequency, operating in the kHz region, makes the process transparent to the oscillator frequency. There is a choice of modulation rates and spread to suit application requirements.

● Provides up to 15dB reduction in system EMI
● ‘Drop-in’ replacement for standard clocks
● Choice of modulation rate and spread
● Miniature package: 5.0 mm x 3.2 mm x 1.2mm

APPLICATIONS
● Printers, Multiple Function Printers (MPCs)
● Digital Copiers; PDAs
● Networking: LAN/WAN; Routers
● Storage Systems (CD-ROM, VCD, DVD, HDD)
● Scanners; Modems; Projectors
● Embedded Systems
● Musical Instruments
● Automotive: GPS car navigation systems
● LCD PC Monitors; LSD TVs
● ADSL; PCMCIA
● Still Digital Cameras (SDCs)




유사한 부품 번호 - HM14R

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HM14 HSMC-HM14 Datasheet
31Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM1404C HMSEMI-HM1404C Datasheet
507Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM1404D HMSEMI-HM1404D Datasheet
615Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
logo
Hi-Sincerity Mocroelect...
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


유사한 설명 - HM14R

제조업체부품명데이터시트상세설명
logo
EUROQUARTZ limited
G14 EUROQUARTZ-G14 Datasheet
222Kb / 1P
14 pin Dual-in-Line
GF14 EUROQUARTZ-GF14 Datasheet
222Kb / 1P
14 pin Dual-in-Line
GV14 EUROQUARTZ-GV14 Datasheet
223Kb / 1P
14 pin Dual-in-Line
GW14 EUROQUARTZ-GW14 Datasheet
223Kb / 1P
14 pin Dual-in-Line
HPA14 EUROQUARTZ-HPA14 Datasheet
208Kb / 1P
14 pin Dual-in-Line
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
14 pin Dual-in-Line
HDW14 EUROQUARTZ-HDW14 Datasheet
101Kb / 1P
14 pin Dual-in-Line
HPF14 EUROQUARTZ-HPF14 Datasheet
94Kb / 1P
14 pin Dual-in-Line
XOP1000 EUROQUARTZ-XOP1000 Datasheet
89Kb / 1P
14 pin Dual-in Line
HSR14 EUROQUARTZ-HSR14 Datasheet
126Kb / 1P
14 pin Dual-in-Line
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com